Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP339B Datasheet(PDF) 8 Page - Exar Corporation

Part # SP339B
Description  TRANSCEIVER WITH INTERNAL TERMINATION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP339B Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP339B Datasheet HTML 4Page - Exar Corporation SP339B Datasheet HTML 5Page - Exar Corporation SP339B Datasheet HTML 6Page - Exar Corporation SP339B Datasheet HTML 7Page - Exar Corporation SP339B Datasheet HTML 8Page - Exar Corporation SP339B Datasheet HTML 9Page - Exar Corporation SP339B Datasheet HTML 10Page - Exar Corporation SP339B Datasheet HTML 11Page - Exar Corporation SP339B Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SP339B
8
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
REV. 1.0.0
ELECTRICAL CHARACTERISTICS (Continued)
UNLESS OTHERWISE NOTED:
VCC = +3.3V ±5% or +5.0V ±5%, C1-C4 = 0.1F; TA = TMIN to TMAX. Typical values are at VCC = 3.3V, TA = +25°C.
SYMBOL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DIFFERENTIAL RECEIVER INPUTS (RS-485 / RS-422)
RIN
Receiver Input Resistance
96
k
TERM = 0V,
-7V
VIN +12V
VTH
Receiver Differential
Threshold Voltage
-200
-125
-50
mV
VTH
Receiver Input Hysteresis
25
mV
VCM = 0V
IIN
Receiver Input Current
125
A
VIN = +12V
-100
A
VIN = -7V
RTERM
Termination Resistance
100
120
155
TERM = VCC, Figure 5
-7V
VCM +12V
RTERM
Termination Resistance
100
120
140
TERM = VCC, Figure 5
VCM = 0V
DIFFERENTIAL DRIVER OUTPUTS (RS-485 / RS-422)
VOD
Differential Driver Output
2
VCC
V
RL = 100 (RS-422), Figure 6
1.5
VCC
V
RL = 54 (RS-485), Figure 6
1.5
VCC
V
-7V
VCM +12V, Figure 7
VCC
V
No Load
VOD
Change In Magnitude of
Differential Output Voltage
-0.2
+0.2
V
RL = 54 or 100, Figure 6
VCM
Driver Common Mode Output Voltage
3
V
RL = 54 or 100, Figure 6
VCM
Change In Magnitude of
Common Mode Output Voltage
0.2
V
RL = 54 or 100, Figure 6
IOSD
Driver Output Short Circuit Current
-250
250
mA
-7V
VO +12V, Figure 8
IO
Driver Output Leakage Current
100
A
DIR1 = 0V in Mode 11,
or ENABLE = 0V,
VO +12V, VCC = 0V or 5.25V
-100
A
DIR1 = 0V in Mode 11,
or ENABLE = 0V,
VO -7V, VCC = 0V or 5.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com