Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP339B Datasheet(PDF) 1 Page - Exar Corporation

Part # SP339B
Description  TRANSCEIVER WITH INTERNAL TERMINATION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP339B Datasheet(HTML) 1 Page - Exar Corporation

  SP339B Datasheet HTML 1Page - Exar Corporation SP339B Datasheet HTML 2Page - Exar Corporation SP339B Datasheet HTML 3Page - Exar Corporation SP339B Datasheet HTML 4Page - Exar Corporation SP339B Datasheet HTML 5Page - Exar Corporation SP339B Datasheet HTML 6Page - Exar Corporation SP339B Datasheet HTML 7Page - Exar Corporation SP339B Datasheet HTML 8Page - Exar Corporation SP339B Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
SP339B
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
NOVEMBER 2014
REV. 1.0.0
GENERAL DESCRIPTION
The
SP339B
is
an
advanced
multiprotocol
transceiver supporting RS-232, RS-485, and RS-422
serial standards in a 40 pin QFN package. Integrated
cable termination and four configuration modes allow
all three protocols to be used interchangeably over a
single cable or connector with no additional switching
components. Full operation requires only four
external charge pump capacitors.
The RS-485/422 modes feature one driver and one
receiver (1TX/1RX) in both half and full duplex
configurations.
The
RS-232
mode
(3TX/5RX)
provides full support of all eight signals commonly
used with the DB9 RS-232 connector. A dedicated
diagnostic loopback mode is also provided.
The high speed drivers operate up to 20Mbps in RS-
485/422 modes, and up to 1Mbps in RS-232 mode.
All drivers can be slew limited to 250kbps in any
mode to minimize electromagnetic interference (EMI).
All transmitter outputs and receiver inputs feature
robust electrostatic discharge (ESD) protection to
±15kV IEC-61000-4-2 Air Gap, ±8kV IEC-61000-4-2
Contact, and ±15kV Human Body Model (HBM).
Each receiver output has full fail-safe protection to
avoid system lockup, oscillation, or indeterminate
states by defaulting to logic-high output level when
the inputs are open, shorted, or terminated but
undriven. No external biasing resistors are required.
The RS-232 receiver inputs include a 5k
 pull-down
to ground. The RS-485/422 receiver inputs are high
impedance (>96k
 when termination is disabled),
allowing
up
to
256
devices
on
a
single
communication bus (1/8th unit load).
The SP339B operates from a single power supply,
either 3.3V or 5V, with low idle current (2mA typical in
all modes). The shutdown mode consumes less than
10µA for low power standby operation.
FEATURES
Rx enabled during Tx short circuit condition
Pin selectable Cable Termination
No external resistors required for RS-485/422
termination and biasing
3.3V or 5V Single Supply Operation
Robust ESD Protection on bus pins
±15kV IEC 61000-4-2 (Air Gap)
± 8kV IEC 61000-4-2 (Contact)
±15kV Human Body Model (HBM)
Max Data Rate of 20Mbps in RS-485/422 Modes
and up to 1Mbps in RS-232 Modes
Pin selectable 250kbps Slew Limiting
3 Drivers, 5 Receivers RS-232/V.28
1 Driver, 1 Receiver RS-485/422
Full and Half Duplex Configuration
1/8th Unit Load, up to 256 receivers on bus
RS-485/422 Enhanced Failsafe for open, shorted,
or terminated but idle inputs
Space saving 6mm x 6mm QFN-40 Package
Pin compatible with SP339E and SP338E
TYPICAL APPLICATIONS
Dual Protocol Serial Ports (RS-232 or RS-485/422)
Industrial and Process Control Equipment
Point-Of-Sale Equipment
Networking Equipment
HVAC Controls Equipment
Building Security and Automation Equipment
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
DEVICE STATUS
SP339BER1-L
40-pin QFN
-40°C to +85°C
Active
SP339BER1-L/TR
40-pin QFN
-40°C to +85°C
Active
NOTE: -L = Green / RoHS Compliant, /TR = Tape and Reel


Similar Part No. - SP339B

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339ECR1-L EXAR-SP339ECR1-L Datasheet
1Mb / 21P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339ECR1-L EXAR-SP339ECR1-L Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339ECR1-L EXAR-SP339ECR1-L Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339ECR1-L/TR EXAR-SP339ECR1-L/TR Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
More results

Similar Description - SP339B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1546 LINER-LTC1546 Datasheet
265Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
logo
Micrel Semiconductor
SY58038U MICREL-SY58038U_11 Datasheet
275Kb / 13P
ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION
logo
Exar Corporation
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
logo
Linear Technology
LTC1546 LINER-LTC1546_15 Datasheet
288Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination
logo
Exar Corporation
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
XR34350ILEVB EXAR-XR34350ILEVB Datasheet
404Kb / 20P
RS-232/485/422 Serial Transceiver with Internal Termination and Wide Output Swing
SP335E EXAR-SP335E_17 Datasheet
1Mb / 23P
TRANSCEIVER WITH INTERNAL TERMINATION
logo
Renesas Technology Corp
IDT8S89873I RENESAS-IDT8S89873I Datasheet
569Kb / 16P
Differential-to-LVDS Buffer/Divider with Internal Termination
November 29, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com