Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR33052HDEVB Datasheet(PDF) 13 Page - Exar Corporation

Part # XR33052HDEVB
Description  60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33052HDEVB Datasheet(HTML) 13 Page - Exar Corporation

Back Button XR33052HDEVB Datasheet HTML 9Page - Exar Corporation XR33052HDEVB Datasheet HTML 10Page - Exar Corporation XR33052HDEVB Datasheet HTML 11Page - Exar Corporation XR33052HDEVB Datasheet HTML 12Page - Exar Corporation XR33052HDEVB Datasheet HTML 13Page - Exar Corporation XR33052HDEVB Datasheet HTML 14Page - Exar Corporation XR33052HDEVB Datasheet HTML 15Page - Exar Corporation XR33052HDEVB Datasheet HTML 16Page - Exar Corporation XR33052HDEVB Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
XR
33052/53/55/58
13/18
REV2A
Figure 9. Receiver Propagation Delay Test Circuit and Timing Diagram
R
RO
CL
RE = OV
A
B
tRPLH
B
A
RO
tRPHL
VID
–1V
0V
+1V
VOL
VCC/2
VCC/2
VOH
Applications Information (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com