Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR33052HDEVB Datasheet(PDF) 3 Page - Exar Corporation

Part # XR33052HDEVB
Description  60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33052HDEVB Datasheet(HTML) 3 Page - Exar Corporation

  XR33052HDEVB Datasheet HTML 1Page - Exar Corporation XR33052HDEVB Datasheet HTML 2Page - Exar Corporation XR33052HDEVB Datasheet HTML 3Page - Exar Corporation XR33052HDEVB Datasheet HTML 4Page - Exar Corporation XR33052HDEVB Datasheet HTML 5Page - Exar Corporation XR33052HDEVB Datasheet HTML 6Page - Exar Corporation XR33052HDEVB Datasheet HTML 7Page - Exar Corporation XR33052HDEVB Datasheet HTML 8Page - Exar Corporation XR33052HDEVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
XR
33052/53/55/58
3/18
REV2A
Electrical Characteristics
Unless otherwise noted: VCC = 3.0V to 5.5V, TA = TMIN to TMAX. Typical values are at VCC = 5.0V, TA = 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Driver DC Characteristics
VCC
Supply voltage range
3.0
5.5
V
VOD
Differential driver output,
4.5V ≤ VCC ≤ 5.5V
RL = 100Ω (RS-422), Figure 3
2
VCC
V
RL = 54Ω (RS-485), Figure 3
1.5
VCC
V
-25V ≤ VCM ≤ 25V, Figure 4
1.5
VCC
V
Differential driver output,
3.0V ≤ VCC ≤ 4.5V
RL = 100Ω (RS-422), Figure 3
0.85
VCC
V
RL = 54Ω (RS-485), Figure 3
0.65
VCC
V
∆VOD
Change in magnitude of differential
output voltage(1)
RL = 100Ω (RS-422) or
RL = 54Ω (RS-485), Figure 3
±0.2
V
VCM
Driver common-mode output voltage
(steady state)
1
3
V
∆VCM
Change in magnitude of common-mode
output voltage(1)
±0.2
V
VIH
Logic high input thresholds
(DI, DE and RE)
VCC = 3.3V
2.0
V
VCC = 5.0V
2.4
V
VIL
Logic low input thresholds (DI, DE and RE)
0.8
V
VHYS
Input hysteresis (DI, DE and RE)
100
mV
IIN
Logic input current (DI, DE and RE)
0V ≤ VIN ≤ VCC,
After first transition(2)
±1
µA
IINHS
Logic input current hot swap (DE and RE)
Until first transition(2)
100
±200
µA
IA, B
Input current (A and B)
VCC = 0V or 5.5V, VOUT = 12V, DE = 0V,
for XR33052/53/55
100
µA
VCC = 0V or 5.5V, VOUT = -7V, DE = 0V,
for XR33052/53/55
-80
µA
VOUT = 12V, DE = 0V,
VCC = 0V or 5.5V, for XR33058
400
μA
VOUT = -7V, DE = 0V,
VCC = 0V or 5.5V, for XR33058
-320
μA
IOL
Output leakage (Y and Z) full-duplex
VOUT = 12V, DE = 0V, VCC = 0V or 5.5V
100
µA
VOUT = -7V, DE = 0V, VCC = 0V or 5.5V
-80
µA
IOSD
Driver short-circuit output current
-60V ≤ VOUT ≤ 60V, DI = 0V or VCC,
Figure 5
±250
mA
NOTES:
1. Change in magnitude of differential output voltage and change in magnitude of common mode output voltage are the changes in output voltage when DI input
changes state.
2. The hot swap feature disables the DE and RE inputs for the first 10μs after power is applied. Following this time period, these inputs are weakly pulled to their disabled
state (low for DE, high for RE) until the first transition, after which they become high impedance inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com