Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR33053HDEVB Datasheet(PDF) 1 Page - Exar Corporation

Part # XR33053HDEVB
Description  60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33053HDEVB Datasheet(HTML) 1 Page - Exar Corporation

  XR33053HDEVB Datasheet HTML 1Page - Exar Corporation XR33053HDEVB Datasheet HTML 2Page - Exar Corporation XR33053HDEVB Datasheet HTML 3Page - Exar Corporation XR33053HDEVB Datasheet HTML 4Page - Exar Corporation XR33053HDEVB Datasheet HTML 5Page - Exar Corporation XR33053HDEVB Datasheet HTML 6Page - Exar Corporation XR33053HDEVB Datasheet HTML 7Page - Exar Corporation XR33053HDEVB Datasheet HTML 8Page - Exar Corporation XR33053HDEVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
±60V Fault Tolerant 3.0V to 5.5V
RS-485/RS-422 Transceivers
XR
33052/53/55/58
1/18
REV2A
Description
The XR33052, XR33053, XR33055, and XR33058 (XR3305x) are
a family of high performance RS-485/RS-422 devices designed for
improved performance in noisy industrial environments and increased
tolerance to system faults.
The analog bus pins can withstand direct shorts up to ±60V and are
protected against ESD events up to ±15kV HBM. An extended ±25V
common mode operating range allows for more reliable operation in
noisy environments.
The XR3305x receivers include full fail-safe circuitry, guaranteeing a
logic-high receiver output when the receiver inputs are open, shorted
or undriven. The XR33052/53/55 receiver input impedance is at least
120kΩ (1/10 unit load), allowing more than 320 devices on the bus.
The XR33058 receiver input impedance is at least 30KΩ (1/2.5 unit
load), allowing more than 80 devices on the bus.
The driver is protected by short circuit detection as well as thermal
shutdown and maintains high impedance in shutdown or when
powered off.
The DE and RE pins include hot swap circuitry to prevent false
transitions on the bus during power up or live insertion and can enter
a 1nA low current shutdown mode for extreme power savings.
The XR33052/55/58 are half-duplex transceivers offered in an
8-pin NSOIC package and operates at a maximum data rates of 250k,
1M and 20Mbps. The XR33053 is a full-duplex transceiver offered in a
14-pin NSOIC package and operates at a maximum data rate of
1 Mbps.
Typical Application
FEATURES
■
■
3.0V to 5.5V operation
■
■
±60V fault tolerance on analog bus pins
■
■
Extended ±25V common mode operation
■
■
Robust ESD protection:
±15kV HBM (bus pins)
±4kV HBM (non-bus pins)
■
■
Enhanced receiver fail-safe protection for
open, shorted or terminated but idle data
lines
■
■
Hot swap glitch protection on DE and
RE
pins
■
■
Driver short circuit current limit and
thermal shutdown for overload protection
■
■
Reduced unit loads allows up to 320
devices on bus
■
■
Industry standard 8-pin and 14-pin
NSOIC packages
■
■
-40°C to 85°C and -40°C to 105°C ambient
operating temperature ranges
APPLICATIONS
■
■
Industrial control networks
■
■
HVAC networks
■
■
Building and process automation
■
■
Remote utility meter reading
■
■
Energy monitoring and control
■
■
Long or unterminated transmission lines
Figure 1. Typical Application
VCC
5V
DI
DE
60V POWER BUS
FAULT TOLERANT UP TO 60V
120Ω
120Ω
VCC
5V
R
RE
DI
DE
R
RE


Similar Part No. - XR33053HDEVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33053 EXAR-XR33053 Datasheet
625Kb / 16P
TIA-485/TIA-422 Transceiver
XR33053 EXAR-XR33053 Datasheet
761Kb / 20P
60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33053ID-F EXAR-XR33053ID-F Datasheet
625Kb / 16P
TIA-485/TIA-422 Transceiver
XR33053IDTR-F EXAR-XR33053IDTR-F Datasheet
625Kb / 16P
TIA-485/TIA-422 Transceiver
More results

Similar Description - XR33053HDEVB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3160 MAXIM-MAX3160 Datasheet
358Kb / 23P
3.0V to 5.5V, 1uA, RS-232/RS-485/422 Multiprotocol Transceivers
Rev 1; 9/00
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
MAX3160 MAXIM-MAX3160_09 Datasheet
456Kb / 23P
3.0V to5.5V, 1μA, RS-232/RS-485/422 Multiprotocol Transceivers
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
logo
Exar Corporation
XR33156IDEVB EXAR-XR33156IDEVB Datasheet
631Kb / 19P
60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33052 EXAR-XR33052_17 Datasheet
761Kb / 20P
60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33152 EXAR-XR33152_17 Datasheet
775Kb / 21P
60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3160 MAXIM-MAX3160_V01 Datasheet
356Kb / 23P
3.0V to5.5V, 1關A, RS-232/ RS-485/422 Multiprotocol Transceivers
19-1722; Rev 3; 5/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com