Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR33053HDEVB Datasheet(PDF) 18 Page - Exar Corporation

Part # XR33053HDEVB
Description  60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33053HDEVB Datasheet(HTML) 18 Page - Exar Corporation

Back Button XR33053HDEVB Datasheet HTML 10Page - Exar Corporation XR33053HDEVB Datasheet HTML 11Page - Exar Corporation XR33053HDEVB Datasheet HTML 12Page - Exar Corporation XR33053HDEVB Datasheet HTML 13Page - Exar Corporation XR33053HDEVB Datasheet HTML 14Page - Exar Corporation XR33053HDEVB Datasheet HTML 15Page - Exar Corporation XR33053HDEVB Datasheet HTML 16Page - Exar Corporation XR33053HDEVB Datasheet HTML 17Page - Exar Corporation XR33053HDEVB Datasheet HTML 18Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
XR
33052/53/55/58
XR33052/53/55/58_DS_071416
18/18
REV2A
Exar Corporation reserves the right to make changes to the products contained in this publication in order to improve design, performance or reliability. Exar Corporation conveys
no license under any patent or other right and makes no representation that the circuits are free of patent infringement. While the information in this publication has been
carefully checked, no responsibility, however, is assumed for inaccuracies.
Exar Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected
to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless Exar Corporation
receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all such risks; (c) potential liability of
Exar Corporation is adequately protected under the circumstances.
Reproduction, in part or whole, without the prior written consent of Exar Corporation is prohibited. Exar, XR and the XR logo are registered trademarks of Exar Corporation.
All other trademarks are the property of their respective owners.
©2016 Exar Corporation
www.exar.com
48760 Kato Road
Fremont, CA 94538
USA
Tel.: +1 (510) 668-7000
Fax: +1 (510) 668-7001
Email: serialtechsupport@exar.com
Ordering Information
Part Number
Operating
Temperature Range
Environmental
Rating
Package
Packaging
Quantity
XR33052ID-F
-40°C to 85°C
RoHS Compliant & Green(1)
8-pin SOIC
98 Tube
XR33052IDTR-F
2500 Tape and Reel
XR33052HD-F
-40°C to 105°C
98 Tube
XR33052HDTR-F
2500 Tape and Reel
XR33053ID-F
-40°C to 85°C
14-pin SOIC
56 Tube
XR33053IDTR-F
2500 Tape and Reel
XR33053HD-F
-40°C to 105°C
56 Tube
XR33053HDTR-F
2500 Tape and Reel
XR33055ID-F
-40°C to 85°C
8-pin SOIC
98 Tube
XR33055IDTR-F
2500 Tape and Reel
XR33055HD-F
-40°C to 105°C
98 Tube
XR33055HDTR-F
2500 Tape and Reel
XR33058ID-F
-40°C to 85°C
8-pin SOIC
98 Tube
XR33058IDTR-F
2500 Tape and Reel
XR33058HD-F
-40°C to 105°C
98 Tube
XR33058HDTR-F
2500 Tape and Reel
XR33052IDEVB
XR33052HDEVB
XR33053IDEVB
XR33053HDEVB
XR33055IDEVB
XR33055HDEVB
XR33058IDEVB
XR33058HDEVB
Evaluation Board
NOTE:
1. Visit www.exar.com for more information.
Revision History
Revision
Date
Description
1A
Jan 2016
Initial release of XR33053
2A
July 2016
Add XR33052, XR33055 and XR33058



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com