Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045FCT Datasheet(PDF) 1 Page - MORE Semiconductor Company Limited

Part # MBR3045FCT
Description  30A Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MBR3045FCT Datasheet(HTML) 1 Page - MORE Semiconductor Company Limited

  MBR3045FCT Datasheet HTML 1Page - MORE Semiconductor Company Limited MBR3045FCT Datasheet HTML 2Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free
FEATURES
·Metal of silicon rectifier,majority carrier conducton
·Guard ring for transient protection
·Low power loss, high efficiency
·High current capability, low VF
·High surge capacity
·Plastic package has UL flammability
MECHANICAL DATA
·Case :TO-220F
·Polarity : As marked on the body
·Mounting position : Any
MAXIMUM RATINGS AND
AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%
30A Schottky Barrier Rectifiers
MBR3045FCT
MORE Semiconductor Company Limited
http://www.moresemi.com
1/2
classification 94V-0
molded plastic
TO-220F PACKAGE
CHARACTERISTICS
SYMBOL
MBR3045FCT
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
45
V
Maximum RMS Voltage
VRMS
31.5
V
Maximum DC Blocking Voltage
Vcc
45
V
Maximum Average Forward
Rectified Current
I(AV)
30
A
Peak Forward Surge Current
8.3ms single half sine-wave
superimposed on rated load (JEDEC METHOD)
IFSM
250
A
Maximum Forward Voltage at 15A DC
VF
0.60
V
Maximum DC Reverse Current
@TC=25℃
at Rated DC Blocking Voltage
@TC=100℃
IR
0.5
50
MA
Typical Thermal Resistance
R0JC
3.0
℃/W
Operating Temperature Range
TJ
-55to+150
℃
Storage Temperature Range
TSTG
-55to+150
℃


Similar Part No. - MBR3045FCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR3045FCT PANJIT-MBR3045FCT Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR3045FCT MCC-MBR3045FCT Datasheet
202Kb / 3P
30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR3045FCT KERSEMI-MBR3045FCT Datasheet
913Kb / 2P
30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Frontier Electronics.
MBR3045FCT FRONTIER-MBR3045FCT Datasheet
526Kb / 2P
30A SCHOTTKY BARRIER RECTIFIERS
logo
Jiangsu Changjiang Elec...
MBR3045FCT JIANGSU-MBR3045FCT Datasheet
265Kb / 3P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR3045FCT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM3060D SECOS-SM3060D Datasheet
308Kb / 2P
30A Schottky Barrier Rectifiers
SM30100D SECOS-SM30100D Datasheet
300Kb / 2P
30A Schottky Barrier Rectifiers
SM30200D SECOS-SM30200D Datasheet
298Kb / 2P
30A Schottky Barrier Rectifiers
SM3060D SECOS-SM3060D_15 Datasheet
244Kb / 2P
30A Schottky Barrier Rectifiers
SM30100D SECOS-SM30100D_15 Datasheet
251Kb / 2P
30A Schottky Barrier Rectifiers
SM30200D SECOS-SM30200D_15 Datasheet
236Kb / 2P
30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR3045CT MORESEMI-MBR3045CT Datasheet
755Kb / 2P
30A Schottky Barrier Rectifiers
MBR30100FCT MORESEMI-MBR30100FCT Datasheet
785Kb / 2P
30A Schottky Barrier Rectifiers
MBR30150CT MORESEMI-MBR30150CT Datasheet
955Kb / 2P
30A Schottky Barrier Rectifiers
MBR30150FCT MORESEMI-MBR30150FCT Datasheet
858Kb / 2P
30A Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com