Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660SCOA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC7660SCOA
Description  SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660SCOA Datasheet(HTML) 3 Page - Microchip Technology

  TC7660SCOA Datasheet HTML 1Page - Microchip Technology TC7660SCOA Datasheet HTML 2Page - Microchip Technology TC7660SCOA Datasheet HTML 3Page - Microchip Technology TC7660SCOA Datasheet HTML 4Page - Microchip Technology TC7660SCOA Datasheet HTML 5Page - Microchip Technology TC7660SCOA Datasheet HTML 6Page - Microchip Technology TC7660SCOA Datasheet HTML 7Page - Microchip Technology TC7660SCOA Datasheet HTML 8Page - Microchip Technology TC7660SCOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2001-2015 Microchip Technology Inc.
DS20001467C-page 3
TC7660S
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage ................................................................+13V
LV, Boost, and OSC Inputs Voltage: (Note 1)
...................................-0.3V to (V+ + 0.3V) for V+ < 5.5V
......................... (V+ – 5.5V) to (V+ + 0.3V) for V+ > 5.5V
Current into LV ......................................... 20 µA for V+ > 3.5V
Output Short Duration (VSUPPLY  5.5V)...............Continuous
Package Power Dissipation: (TA  +70°C) (Note 2)
8-Pin PDIP ..........................................................730 mW
8-Pin SOIC..........................................................470 mW
Lead Temperature (Soldering, 10s) .... ....................... +300°C
Notice†:
Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated
in
the
operational
sections
of
this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
Note 1:
Connecting any input terminal to
voltages greater than V+ or less than
GND may cause destructive latch-up. It
is recommended that no inputs from
sources
operating
from
external
supplies be applied prior to “power up” of
the TC7660S.
2:
Derate
linearly
above
+50°C
by
5.5 mW/°C.
ELECTRICAL SPECIFICATIONS
Electrical Characteristics:
Unless otherwise noted, specifications measured over operating temperature range with
V+ = 5V, COSC = 0, refer to test circuit in Figure 4-1.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Current
(Boost pin OPEN or GND)
I+
—80
160
µA
RL = 
——
180
0°C
 TA  +70°C
—
—
180
-40°C
 TA  +85°C
—
—
200
-55°C
 TA  +125°C
Supply Current
(Boost pin = V+)
I+
——
300
µA
0°C
 TA  +70°C
—
—
350
-40°C
 TA  +85°C
—
—
400
-55°C
 TA  +125°C
Supply Voltage Range,
High
V+H
3.0
—
12
V
Min.
TAMax, RL = 10 k, LV Open
Supply Voltage Range, Low
V+L
1.5
—
3.5
V
Min.
TAMax, RL = 10 k, LV to GND
Output Source Resistance
ROUT
—60
100
IOUT = 20 mA
—70
120
IOUT = 20 mA, 0°C  TA  +70°C
—70
120
IOUT = 20 mA, -40°C  TA  +85°C
—
105
150
IOUT = 20 mA, -55°C  TA  +125°C
——
250
V+ = 2V, IOUT = 3 mA, LV to GND
0°C
 TA  +70°C
——
400
V+ = 2V, IOUT = 3 mA, LV to GND
-55°C
 TA  +125°C
Oscillator Frequency
fOSC
—
10
—
kHz
Pin 7 open, Pin 1 open or GND
45
Boost Pin = V+
Power Efficiency
PEFF
96
98
—
%
RL = 5 kBoost Pin Open
95
98
—
TMIN  TA  TMAX; Boost Pin Open
—
88
—
Boost Pin = V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com