Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660SCOA Datasheet(PDF) 1 Page - Microchip Technology

Part # TC7660SCOA
Description  SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660SCOA Datasheet(HTML) 1 Page - Microchip Technology

  TC7660SCOA Datasheet HTML 1Page - Microchip Technology TC7660SCOA Datasheet HTML 2Page - Microchip Technology TC7660SCOA Datasheet HTML 3Page - Microchip Technology TC7660SCOA Datasheet HTML 4Page - Microchip Technology TC7660SCOA Datasheet HTML 5Page - Microchip Technology TC7660SCOA Datasheet HTML 6Page - Microchip Technology TC7660SCOA Datasheet HTML 7Page - Microchip Technology TC7660SCOA Datasheet HTML 8Page - Microchip Technology TC7660SCOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2001-2015 Microchip Technology Inc.
DS20001467C-page 1
TC7660S
Features
• Oscillator boost from 10 kHz to 45 kHz
• Converts +5V Logic Supply to ±5V System
• Wide Input Voltage Range: +1.5V to +12V
• Efficient Voltage Conversion (99.9%, typical)
• Excellent Power Efficiency (98%, typical)
• Low PowerConsumption:80 µA(typical)@VIN=5V
• Low Cost and Easy to Use
- Only Two External Capacitors Required
• Available in 8-Pin Small Outline (SOIC) and 8-Pin
PDIP Packages
• Improved ESD Protection (10 kV HBM)
• No External Diode Required for High-Voltage
Operation
Applications
• RS-232 Negative Power Supply
• Simple Conversion of +5V to ±5V Supplies
• Voltage Multiplication VOUT = ± n V+
• Negative Supplies for Data Acquisition Systems
and Instrumentation
Package Types
General Description
The TC7660S device is a pin-compatible replacement
for the industry standard 7660 charge pump voltage
converter. It converts a +1.5V to +12V input to a corre-
sponding -1.5V to -12V output using only two low-cost
capacitors, eliminating inductors and their associated
cost, size and electromagnetic interference (EMI).
Added features include an extended supply range to
12V, and a frequency boost pin for higher operating fre-
quency, allowing the use of smaller external capacitors.
The on-board oscillator operates at a nominal fre-
quency of 10 kHz. Frequency is increased to 45 kHz
when pin 1 is connected to V+. Operation below 10 kHz
(for lower supply current applications) is possible by
connecting an external capacitor from OSC to ground
(with pin 1 open).
The TC7660S is available in 8-Pin PDIP and 8-Pin
Small Outline (SOIC) packages in commercial and
extended temperature ranges.
1
2
3
4
8
7
6
5
TC7660S
BOOST
CAP+
GND
CAP-
VOUT
LOW
VOLTAGE (LV)
OSC
PDIP/SOIC
V+
Super Charge Pump DC-to-DC Voltage Converter


Similar Part No. - TC7660SCOA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7660SCOA TELCOM-TC7660SCOA Datasheet
136Kb / 8P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660SCOA MICROCHIP-TC7660SCOA Datasheet
95Kb / 11P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660SCOA MICROCHIP-TC7660SCOA Datasheet
98Kb / 11P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
01/09/01
More results

Similar Description - TC7660SCOA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
Charge Pump DC-TO-DC Voltage Converter
2001
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
TC7660SEOA713 MICROCHIP-TC7660SEOA713 Datasheet
98Kb / 11P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
01/09/01
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
Charge Pump DC-to-DC Voltage Converter
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com