Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTCH6301T-I/ML Datasheet(PDF) 21 Page - Microchip Technology

Part # MTCH6301T-I/ML
Description  MTCH6301 Projected Capacitive Touch Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH6301T-I/ML Datasheet(HTML) 21 Page - Microchip Technology

Back Button MTCH6301T-I/ML Datasheet HTML 17Page - Microchip Technology MTCH6301T-I/ML Datasheet HTML 18Page - Microchip Technology MTCH6301T-I/ML Datasheet HTML 19Page - Microchip Technology MTCH6301T-I/ML Datasheet HTML 20Page - Microchip Technology MTCH6301T-I/ML Datasheet HTML 21Page - Microchip Technology MTCH6301T-I/ML Datasheet HTML 22Page - Microchip Technology MTCH6301T-I/ML Datasheet HTML 23Page - Microchip Technology MTCH6301T-I/ML Datasheet HTML 24Page - Microchip Technology MTCH6301T-I/ML Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
7.0
MEMORY MAP
TABLE 7-1:
MTCH6301 MEMORY MAP
Group
Index
Byte
Offset
Byte
Register Name
Size
(Bytes)
Description
Data Range
Default Value
General
0x00
0x01
RX Channels
1
Number of RX Sensor Channels
3-13
12
0x02
TX Channels
1
Number of TX Sensor Channels
3-18
9
0x04
RX Scaling <7:0>
2
RX Scaling Coefficient
3640-21845
5461
0x05
RX Scaling <15:8>
0x06
TX Scaling <7:0>
2
TX Scaling Coefficient
3640-21845
7281
0x07
TX Scaling <15:8>
Sensor Map
0x01
0x00-0x0C RX Pin Map
13
RX Pin Map Array
0-12
Section 5.6.1
“RX/TX Pin
Map”
0x02
0x00-0x12 TX Pin Map
18
TX Pin Map Array
0-34
Section 5.6.1
“RX/TX Pin
Map”
Self
0x10
0x00
Self Scan Time
1
Number of self readings to sum per electrode
1-30
5
0x01
Self Threshold
1
Threshold at which a touch may be present
10-150
40
Mutual
0x20
0x00
Mutual Scan Time
1
Number of mutual readings to sum per node
1-30
9
0x01
Mutual Threshold
1
Threshold at which a touch may be present
10-150
40
Decoding
0x30
0x00
Flip State
1
This determines the orientation of the sensor with respect to the
coordinate output
0b000-0b111
0b001
0x01
Number of Averages
1
Number of previous touch coordinates to average with current position
coordinate (smoothing filter)
1-16
8
0x04
Minimum Touch Distance
1
Minimum distance (interpolated coordinates) allowed between two touch
locations before suppressing the weaker touch.
0-255
150
0x05
Pen Down Timer
1
Number of successive sensor scans identifying a touch required prior to
transmitting touch data
0-10
3
0x06
Pen Up Timer
1
Number of successive sensor scans without detecting a touch prior to a
touch up packet being sent
0-10
3
0x07
Touch Suppression Value
1
The maximum number of touch points to transmit. Note that ten touch IDs
are still analyzed and tracked, just not reported; 0 = Disabled
0-10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com