Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTCH6301T-I/ML Datasheet(PDF) 13 Page - Microchip Technology

Part # MTCH6301T-I/ML
Description  MTCH6301 Projected Capacitive Touch Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH6301T-I/ML Datasheet(HTML) 13 Page - Microchip Technology

Back Button MTCH6301T-I/ML Datasheet HTML 9Page - Microchip Technology MTCH6301T-I/ML Datasheet HTML 10Page - Microchip Technology MTCH6301T-I/ML Datasheet HTML 11Page - Microchip Technology MTCH6301T-I/ML Datasheet HTML 12Page - Microchip Technology MTCH6301T-I/ML Datasheet HTML 13Page - Microchip Technology MTCH6301T-I/ML Datasheet HTML 14Page - Microchip Technology MTCH6301T-I/ML Datasheet HTML 15Page - Microchip Technology MTCH6301T-I/ML Datasheet HTML 16Page - Microchip Technology MTCH6301T-I/ML Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
 2012-2014 Microchip Technology Inc.
DS40001663B-page 13
MTCH6301
6.3
Generic Read/Write Protocol
6.3.1
MASTER READ WAVEFORM
FIGURE 6-1:
MASTER READ WAVEFORM
6.3.2
MASTER WRITE WAVEFORM
FIGURE 6-2:
MASTER WRITE WAVEFORM
Note 1: The first byte read from the device denotes the number of bytes to follow.
2: The last byte read from the device must be followed by a nACK (‘1’) from the host controller. All other bytes
should be followed with ACK (‘0’).
3: INT will be set low within 10 uS of a correct I2C™ address match.
4: All data (DATA0 – DATAn) must be read at once within a single I2C™ transaction, and Restart conditions
are not supported.
ACK
P
S
ACK
NACK
ACK
R
Stop
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
0x25
1
[NUM_BYTES]
[DATA0]
[DATAn]
Start
INT
SCL
SDA
(DATA)
2
1
3
4
Note 1: If the device is sleeping, it will ACK the address byte, but will not ACK the first byte of the transmission
until it is awake. See Section 9. “Send Enable Touch command (0x00).” for details.
2: The first byte written to the controller denotes the number of bytes to follow.
3: Although it is not required all data be written in a single I2C™ transaction, it is recommended to reduce
the chance of a timeout occurring.
ACK
P
S
ACK
ACK
W
Stop
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
0x25
0
[NUM_BYTES]
[DATA0]
[DATAn]
Start
INT
SCL
SDA
(DATA)
1
2
3
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com