Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL331MDBVREP Datasheet(PDF) 2 Page - Texas Instruments

Part # TL331MDBVREP
Description  SINGLE DIFFERENTIAL COMPARATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL331MDBVREP Datasheet(HTML) 2 Page - Texas Instruments

  TL331MDBVREP Datasheet HTML 1Page - Texas Instruments TL331MDBVREP Datasheet HTML 2Page - Texas Instruments TL331MDBVREP Datasheet HTML 3Page - Texas Instruments TL331MDBVREP Datasheet HTML 4Page - Texas Instruments TL331MDBVREP Datasheet HTML 5Page - Texas Instruments TL331MDBVREP Datasheet HTML 6Page - Texas Instruments TL331MDBVREP Datasheet HTML 7Page - Texas Instruments TL331MDBVREP Datasheet HTML 8Page - Texas Instruments TL331MDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
80-
µA
Current Regulator
80
µA
60
µA
10
µA
VCC
10
µA
OUT
GND
IN+
IN−
Epi-FET
Diodes
Resistors
Transistors
COMPONENT COUNT
1
2
1
20
IN+
IN−
OUT
TL331-EP
SLVSBU6 – JUNE 2013
www.ti.com
LOGIC DIAGRAM
SCHEMATIC
Note:
Current values shown are nominal.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VCC
Supply voltage(2)
36 V
VID
Differential input voltage(3)
±36 V
VI
Input voltage range (either input)
–0.3 V to 36 V
VO
Output voltage
36 V
IO
Output current
20 mA
Duration of output short-circuit to ground(4)
Unlimited
TJ
Operating virtual junction temperature
150°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to the network ground.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TL331-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com