Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL331MDBVREP Datasheet(PDF) 1 Page - Texas Instruments

Part # TL331MDBVREP
Description  SINGLE DIFFERENTIAL COMPARATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL331MDBVREP Datasheet(HTML) 1 Page - Texas Instruments

  TL331MDBVREP Datasheet HTML 1Page - Texas Instruments TL331MDBVREP Datasheet HTML 2Page - Texas Instruments TL331MDBVREP Datasheet HTML 3Page - Texas Instruments TL331MDBVREP Datasheet HTML 4Page - Texas Instruments TL331MDBVREP Datasheet HTML 5Page - Texas Instruments TL331MDBVREP Datasheet HTML 6Page - Texas Instruments TL331MDBVREP Datasheet HTML 7Page - Texas Instruments TL331MDBVREP Datasheet HTML 8Page - Texas Instruments TL331MDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DBV PACKAGE
(TOP VIEW)
1
2
3
5
4
IN−
VCC−/GND
IN+
VCC
OUT
TL331-EP
www.ti.com
SLVSBU6 – JUNE 2013
SINGLE DIFFERENTIAL COMPARATOR
Check for Samples: TL331-EP
1
FEATURES
•
Single Supply or Dual Supplies
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
Wide Range of Supply Voltage: 2 V to 36 V
•
Controlled Baseline
•
Low Supply-Current Drain Independent of
Supply Voltage: 0.4 mA Typ.
•
One Assembly and Test Site
•
Low Input Bias Current: 25 nA Typ.
•
One Fabrication Site
•
Low Input Offset Voltage: 2 mV Typ.
•
Available in Military (–55°C to 125°C)
Temperature Range
•
Common-Mode Input Voltage Range Includes
Ground
•
Extended Product Life Cycle
•
Differential Input Voltage Range Equal to
•
Extended Product-Change Notification
Maximum-Rated Supply Voltage: ±36 V
•
Product Traceability
•
Low Output Saturation Voltage
•
Output Compatible With TTL, MOS, and CMOS
DESCRIPTION/ORDERING INFORMATION
This device consists of a single voltage comparator designed to operate from a single power supply over a wide
range of voltages. Operation from dual supplies also is possible if the difference between the two supplies is 2 V
to 36 V and VCC is at least 1.5 V more positive than the input common-mode voltage. Current drain is
independent of the supply voltage. To achieve wired-AND relationships, one can connect the output to other
open-collector outputs.
ORDERING INFORMATION(1)
ORDERABLE PART
TOP-SIDE
TA
VIO(MAX) at 25°C
PACKAGE
VID NUMBER
NUMBER
MARKING
–55°C to 125°C
5 mV
SOT-23 (DBV)
Reel of 250
TL331MDBVTEP
TEPU
V62/13611-01XE
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL331MDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331MDBVREP TI1-TL331MDBVREP Datasheet
698Kb / 12P
SINGLE DIFFERENTIAL COMPARATOR
More results

Similar Description - TL331MDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331 TI-TL331 Datasheet
60Kb / 4P
SINGLE DIFFERENTIAL COMPARATOR
TL331 TI-TL331_06 Datasheet
161Kb / 6P
SINGLE DIFFERENTIAL COMPARATOR
logo
Diodes Incorporated
AP331A DIODES-AP331A Datasheet
275Kb / 13P
SINGLE DIFFERENTIAL COMPARATOR
AP331A Rev. 2
logo
Texas Instruments
TL331-Q1 TI1-TL331-Q1 Datasheet
355Kb / 10P
SINGLE DIFFERENTIAL COMPARATOR
TL331KDBVR TI-TL331KDBVR Datasheet
744Kb / 10P
SINGLE DIFFERENTIAL COMPARATOR
TL331-EP TI1-TL331-EP_14 Datasheet
698Kb / 12P
SINGLE DIFFERENTIAL COMPARATOR
TL331-EP TI-TL331-EP_15 Datasheet
687Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
TL331-Q1 TI-TL331-Q1_15 Datasheet
687Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
TL331 TI1-TL331 Datasheet
802Kb / 18P
Single Differential Comparator
TL331-Q1 TI1-TL331-Q1_13 Datasheet
703Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com