Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28511 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC28511
Description  60VIN, 3A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28511 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC28511 Datasheet HTML 13Page - Microchip Technology MIC28511 Datasheet HTML 14Page - Microchip Technology MIC28511 Datasheet HTML 15Page - Microchip Technology MIC28511 Datasheet HTML 16Page - Microchip Technology MIC28511 Datasheet HTML 17Page - Microchip Technology MIC28511 Datasheet HTML 18Page - Microchip Technology MIC28511 Datasheet HTML 19Page - Microchip Technology MIC28511 Datasheet HTML 20Page - Microchip Technology MIC28511 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005520A-page 17
MIC28511
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Symbol
Description
1
DL
Low-Side Gate Drive. Internal low-side power MOSFET gate connection. This pin must
be left unconnected or floating.
2
PGND
PGND is the return path for the low-side driver circuit. Connect to the source of low-side
MOSFET’s (PGND, pins 10, 11 22, 23, and 26) through a low-impedance path.
3
DH
High-Side Gate Drive. Internal high-side power MOSFET gate connection. This pin
must be left unconnected or floating.
4, 7, 8, 9, 25
(25 is ePad)
PVIN
Power Input Voltage. The PVIN pins supply power to the internal power switch. Connect
all PVIN pins together and bypass locally with ceramic capacitors. The positive terminal
of the input capacitor should be placed as close as possible to the PVIN pins, the
negative terminal of the input capacitor should be placed as close as possible to the
PGND pins 10,11, 22, 23, and 26.
5
LX
The LX pin is the return path for the high-side driver circuit. Connect the negative
terminal of the bootstrap capacitor directly to this pin. Also connect this pin to the SW
pins 12, 21, and 27, with a low-impedance path. The controller monitors voltages on this
and PGND for zero current detection.
6
BST
Bootstrap Pin. This pin provides bootstrap supply for the high-side gate driver circuit.
Connect a 0.1 µF capacitor and an optional resistor in series from the LX (pin 5) to the
BST.
10, 11, 22, 23,
26
(26 is ePad)
PGND
Power Ground. These pins are connected to the source of the low-side MOSFET. They
are the return path for the step-down regulator power stage and should be tied together.
The negative terminal of the input decoupling capacitor should be placed as close as
possible to these pins.
12, 21, 27
(27 is ePad)
SW
Switch Node. The SW pins are the internal power switch outputs. These pins should be
tied together and connected to the output inductor.
13
AGND
Analog Ground. The analog ground for VDD and the control circuitry. The analog ground
return path should be separate from the power ground (PGND) return path.
14
FB
Feedback Input. The FB pin sets the regulated output voltage relative to the internal
reference. This pin is connected to a resistor divider from the regulated output such that
the FB pin is at 0.8V when the output is at the desired voltage.
15
PGOOD
The power good output is an open drain output requiring an external pull-up resistor to
external bias. This pin is a high impedance open circuit when the voltage at FB pin is
higher than 90% of the feedback reference voltage (typically 0.8V).
16
EN
Enable Input. The EN pin enables the regulator. When the pin is pulled below the
threshold, the regulator will shut down to an ultra-low current state. A precise threshold
voltage allows the pin to operate as an accurate UVLO. Do not tie EN to VDD
17
VIN
Supply voltage for the internal LDO. The VIN operating voltage range is from 4.6V to
60V. A ceramic capacitor from VIN to AGND is required for decoupling. The decoupling
capacitor should be placed as close as possible to the supply pin.
18
ILIM
Current Limit Setting. Connect a resistor from this pin to the SW pin node to allow for
accurate current limit sensing programming of the internal low-side power MOSFET.
19
VDD
Internal +5V Linear Regulator: VDD is the internal supply bus for the IC. Connect to an
external 1 µF bypass capacitor. When VIN is <5.5V, this regulator operates in drop-out
mode. Connect VDD to VIN.
20
PVDD
A 5V supply input for the low-side N-channel MOSFET driver circuit, which can be tied
to VDD externally. A 1 μF ceramic capacitor from PVDD to PGND is recommended for
decoupling.
24
FREQ
Switching Frequency Adjust pin. Connect this pin to VIN to operate at 680 kHz. Place a
resistor divider network from VIN to the FREQ pin to program the switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com