Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28511 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC28511
Description  60VIN, 3A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28511 Datasheet(HTML) 1 Page - Microchip Technology

  MIC28511 Datasheet HTML 1Page - Microchip Technology MIC28511 Datasheet HTML 2Page - Microchip Technology MIC28511 Datasheet HTML 3Page - Microchip Technology MIC28511 Datasheet HTML 4Page - Microchip Technology MIC28511 Datasheet HTML 5Page - Microchip Technology MIC28511 Datasheet HTML 6Page - Microchip Technology MIC28511 Datasheet HTML 7Page - Microchip Technology MIC28511 Datasheet HTML 8Page - Microchip Technology MIC28511 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005520A-page 1
MIC28511
Features
• 4.6V to 60V Operating Input Voltage Supply
• Up to 3A Output Current
• Integrated High-Side and Low-Side N-Channel
MOSFETs
• HyperLight Load (MIC28511-1) and Hyper Speed
Control (MIC28511-2) Architecture
• Enable Input and Power Good (PGOOD) Output
• Programmable Current-Limit and Foldback
“Hiccup” Mode Short-Circuit Protection
• Built-In 5V Regulator for Single-Supply Operation
• Adjustable 200 kHz to 680 kHz Switching
Frequency
• Fixed 5 ms Soft-Start
• Internal Compensation and Thermal Shutdown
• Thermally-Enhanced 24-Pin 3 mm x 4 mm FQFN
Package
• –40°C to +125°C Junction Temperature Range
Applications
• Industrial Power Supplies
• Distributed Supply Regulation
• Base Station Power Supplies
• Wall Transformer Regulation
• High-Voltage Single-Board Systems
General Description
The MIC28511 is a synchronous step-down switching
regulator with internal power switches capable of
providing up to 3A output current from a wide input
supply range from 4.6V to 60V. The output voltage is
adjustable down to 0.8V with a guaranteed accuracy of
±1%. A constant switching frequency can be
programmed from 200 kHz to 680 kHz. The Hyper
Speed Control® and HyperLight Load® architectures of
the MIC28511 allow for high VIN (low VOUT) operation
and ultra-fast transient response while reducing the
required output capacitance and providing very good
light-load efficiency.
The MIC28511 offers a full suite of features to ensure
protection under fault conditions. These include
undervoltage lockout to ensure proper operation under
power sag conditions, internal soft-start to reduce
inrush current, foldback current-limit, “hiccup” mode
short-circuit protection and thermal shutdown.
Package Type
MIC28511
24-Pin 3 mm x 4 mm FQFN (FL)
DL
PGND
DH
PVIN
LX
BST
PVDD
VDD
ILIM
VIN
EN
PGOOD
7
8
910
11
12
18
17
16
15
14
13
24
23
22
21
20
19
1
2
3
4
5
6
PVIN
PVIN
FB
AGND
60VIN, 3A Synchronous Buck Regulator


Similar Part No. - MIC28511

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC28511 MICREL-MIC28511 Datasheet
519Kb / 10P
60V/3A Synchronous Buck Regulator
More results

Similar Description - MIC28511

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5353 FAIRCHILD-FAN5353 Datasheet
983Kb / 13P
3MHz, 3A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1021AI AOSMD-AOZ1021AI Datasheet
541Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
EZBuck??3A Synchronous Buck Regulator
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
EZBuck??3A Synchronous Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
logo
Micrel Semiconductor
MIC28511 MICREL-MIC28511 Datasheet
519Kb / 10P
60V/3A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6623DI AOSMD-AOZ6623DI Datasheet
910Kb / 15P
EZBuckTM 3A Synchronous Buck Regulator
AOZ6663DI AOSMD-AOZ6663DI Datasheet
691Kb / 17P
EZBuckTM 3A Synchronous Buck Regulator
Rev. 1.0 October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com