Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4685 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC4685
Description  3A SPAK SuperSwitcher??Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4685 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC4685 Datasheet HTML 7Page - Micrel Semiconductor MIC4685 Datasheet HTML 8Page - Micrel Semiconductor MIC4685 Datasheet HTML 9Page - Micrel Semiconductor MIC4685 Datasheet HTML 10Page - Micrel Semiconductor MIC4685 Datasheet HTML 11Page - Micrel Semiconductor MIC4685 Datasheet HTML 12Page - Micrel Semiconductor MIC4685 Datasheet HTML 13Page - Micrel Semiconductor MIC4685 Datasheet HTML 14Page - Micrel Semiconductor MIC4685 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MIC4685
Micrel
September 2002
13
MIC4685
V
OUT
I
OUT*R1
R2
V
IN
C1
D1
L1
C5
5.0V
2.0A
3.01k
976
Ω
8V–30V
33
µF, 35V
3A, 40V
39
µH
330
µF, 6.3V
Vishay-Dale
Schottky
Sumida
Vishay-Dale
595D336X0035R2T
B340A
CDRH127-390MC
594D337X06R3D2T
3.3V
2.4A
3.01k
1.78k
8V–26V
33
µF, 35V
3A, 40V
39
µH
330
µF, 6.3V
Vishay-Dale
Schottky
Sumida
Vishay-Dale
595D336X0035R2T
B340A
CDRH127-390MC
594D337X06R3D2T
2.5V
2.35A
3.01k
2.94k
7V–23V
33
µF, 35V
3A, 40V
39
µH
330
µF, 6.3V
Vishay-Dale
Schottky
Sumida
Vishay-Dale
595D336X0035R2T
B340A
CDRH127-390MC
594D337X06R3D2T
1.8V
2.0A
3.01k
6.49k
6V–16V
47
µF, 25V
3A, 40V
39
µH
330
µF, 6.3V
Vishay-Dale
Schottky
Sumida
Vishay-Dale
595D476X0025D2T
B340A
CDRH127-390MC
594D337X06R3D2T
*
Maximum output current at minimum input voltage. See SOA curves for maximum output current vs. input voltage.
Table 2. Recommended Components for Common Ouput Voltages
Recommended Components for a Given Output Voltage (Standard Configuration)
SW
L1
39
µH
IN
FB
GND
EN
D1
B340A
J2
VOUT
2A
J4
GND
U1 MIC4685BR
C2
0.1
µF
50V
C1
33
µF
35V
J1
VIN
(34V transient)
J3
GND
3
BS
1
6
2
5
ON
OFF
C5
330
µF
6.3V
C4*
optional
C7
0.1
µF
50V
C3
0.33
µF
50V
R1
3.01k
R2
6.49k
JP1a
1.8V
R3
2.94k
R4
1.78k
R5
976
Ω
C6**
JP1b
2.5V
JP1c
3.3V
JP1d
5.0V
1
2
3
4
5
6
7
8
*
C4 can be used to provide additional stability
and improved transient response.
Note: optimized for 5VOUT
** C6 Optional
*** D2 is not used for standard configuration and JP3 is open.
D2***
B340
JP3
4, Tab
Figure 4. Evaluation Board Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com