Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4685 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4685
Description  3A SPAK SuperSwitcher??Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4685 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4685 Datasheet HTML 1Page - Micrel Semiconductor MIC4685 Datasheet HTML 2Page - Micrel Semiconductor MIC4685 Datasheet HTML 3Page - Micrel Semiconductor MIC4685 Datasheet HTML 4Page - Micrel Semiconductor MIC4685 Datasheet HTML 5Page - Micrel Semiconductor MIC4685 Datasheet HTML 6Page - Micrel Semiconductor MIC4685 Datasheet HTML 7Page - Micrel Semiconductor MIC4685 Datasheet HTML 8Page - Micrel Semiconductor MIC4685 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MIC4685
Micrel
MIC4685
4
September 2002
Test Circuit
SW
68
µH
I
VIN
BS
FB
EN
Device Under Test
+12V
3
GND
4, Tab
1
6
2
5
Current Limit Test Circuit
Shutdown Input Behavior
ON
OFF
GUARANTEED
ON
TYPICAL
ON
GUARANTEED
OFF
TYPICAL
OFF
0.8V
1.25V
0V
1.4V
VIN(max)
2V
Enable Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com