Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1875 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1875
Description  20W Audio Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1875 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM1875 Datasheet HTML 3Page - National Semiconductor (TI) LM1875 Datasheet HTML 4Page - National Semiconductor (TI) LM1875 Datasheet HTML 5Page - National Semiconductor (TI) LM1875 Datasheet HTML 6Page - National Semiconductor (TI) LM1875 Datasheet HTML 7Page - National Semiconductor (TI) LM1875 Datasheet HTML 8Page - National Semiconductor (TI) LM1875 Datasheet HTML 9Page - National Semiconductor (TI) LM1875 Datasheet HTML 10Page - National Semiconductor (TI) LM1875 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Application Hints (Continued)
output stage and constant power dissipation in all other parts
of the circuit. The curves of “Power Dissipation vs Power
Output” give a better representation of the behavior of the
LM1875 with various power supply voltages and resistive
loads. As an example, if the LM1875 is operated on a 50V
power supply with a resistive load of 8
Ω, it can develop up to
19W of internal power dissipation. If the die temperature is to
remain below 150˚C for ambient temperatures up to 70˚C,
the total junction-to-ambient thermal resistance must be less
than
Using
θ
JC=2˚C/W, the sum of the case-to-heat-sink interface
thermal resistance and the heat-sink-to-ambient thermal re-
sistance must be less than 2.2˚C/W. The case-to-heat-sink
thermal resistance of the TO-220 package varies with the
mounting method used. A metal-to-metal interface will be
about 1˚C/W if lubricated, and about 1.2˚C/W if dry.
If a mica insulator is used, the thermal resistance will be
about 1.6˚C/W lubricated and 3.4˚C/W dry. For this example,
we assume a lubricated mica insulator between the LM1875
and the heat sink. The heat sink thermal resistance must
then be less than
4.2˚C/W−2˚C/W−1.6˚C/W=0.6˚C/W.
This is a rather large heat sink and may not be practical in
some applications. If a smaller heat sink is required for
reasons of size or cost, there are two alternatives.
[EM00001]The maximum ambient operating temperature
can be reduced to 50˚C (122˚F), resulting in a 1.6˚C/W heat
sink, or the heat sink can be isolated from the chassis so the
mica washer is not needed. This will change the required
heat sink to a 1.2˚C/W unit if the case-to-heat-sink interface
is lubricated.
Note: When using a single supply, maximum transfer of heat away from the
LM1875 can be achieved by mounting the device directly to the heat
sink (tab is at ground potential); this avoids the use of a mica or other
type insulator.
The thermal requirements can become more difficult when
an amplifier is driving a reactive load. For a given magnitude
of load impedance, a higher degree of reactance will cause
a higher level of power dissipation within the amplifier. As a
general rule, the power dissipation of an amplifier driving a
60˚ reactive load (usually considered to be a worst-case
loudspeaker load) will be roughly that of the same amplifier
driving the resistive part of that load. For example, a loud-
speaker may at some frequency have an impedance with a
magnitude of 8
Ω and a phase angle of 60˚. The real part of
this load will then be 4
Ω, and the amplifier power dissipation
will roughly follow the curve of power dissipation with a 4
Ω
load.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com