Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1875 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1875
Description  20W Audio Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1875 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1875 Datasheet HTML 1Page - National Semiconductor (TI) LM1875 Datasheet HTML 2Page - National Semiconductor (TI) LM1875 Datasheet HTML 3Page - National Semiconductor (TI) LM1875 Datasheet HTML 4Page - National Semiconductor (TI) LM1875 Datasheet HTML 5Page - National Semiconductor (TI) LM1875 Datasheet HTML 6Page - National Semiconductor (TI) LM1875 Datasheet HTML 7Page - National Semiconductor (TI) LM1875 Datasheet HTML 8Page - National Semiconductor (TI) LM1875 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
60V
Input Voltage
−V
EE to VCC
Storage Temperature
−65˚C to + 150˚C
Junction Temperature
150˚C
Lead Temperature
(Soldering, 10 seconds)
260˚C
θ
JC
3˚C
θ
JA
73˚C
Electrical Characteristics
V
CC=+25V, −VEE=−25V, TAMBIENT=25˚C, RL=8
Ω,A
V=20 (26 dB), fo=1 kHz, unless otherwise specified.
Parameter
Conditions
Typical
Tested Limits
Units
Supply Current
P
OUT=0W
70
100
mA
Output Power (Note 2)
THD=1%
25
W
THD (Note 2)
P
OUT=20W, fo=1 kHz
0.015
%
P
OUT=20W, fo=20 kHz
0.05
0.4
%
P
OUT=20W, RL=4
Ω,f
o=1 kHz
0.022
%
P
OUT=20W, RL=4
Ω,f
o=20 kHz
0.07
0.6
%
Offset Voltage
±1
±15
mV
Input Bias Current
±0.2
±2µA
Input Offset Current
0
±0.5
µA
Gain-Bandwidth Product
f
o=20 kHz
5.5
MHz
Open Loop Gain
DC
90
dB
PSRR
V
CC, 1 kHz, 1 Vrms
95
52
dB
V
EE, 1 kHz, 1 Vrms
83
52
dB
Max Slew Rate
20W, 8
Ω, 70 kHz BW
8
V/µs
Current Limit
V
OUT =VSUPPLY −10V
4
3
A
Equivalent Input Noise Voltage
R
S=600
Ω, CCIR
3
µVrms
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: Assumes the use of a heat sink having a thermal resistance of 1˚C/W and no insulator with an ambient temperature of 25˚C. Because the output limiting
circuitry has a negative temperature coefficient, the maximum output power delivered to a 4
Ω load may be slightly reduced when the tab temperature exceeds 55˚C.
Typical Applications
Typical Single Supply Operation
00503003
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com