Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C554 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC16C554
Description  Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC16C554 Datasheet HTML 9Page - NXP Semiconductors SC16C554 Datasheet HTML 10Page - NXP Semiconductors SC16C554 Datasheet HTML 11Page - NXP Semiconductors SC16C554 Datasheet HTML 12Page - NXP Semiconductors SC16C554 Datasheet HTML 13Page - NXP Semiconductors SC16C554 Datasheet HTML 14Page - NXP Semiconductors SC16C554 Datasheet HTML 15Page - NXP Semiconductors SC16C554 Datasheet HTML 16Page - NXP Semiconductors SC16C554 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
Philips Semiconductors
SC16C554/554D
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Product data
Rev. 05 — 10 May 2004
13 of 55
9397 750 13132
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.
Functional description
The SC16C554/554D provides serial asynchronous receive data synchronization,
parallel-to-serial and serial-to-parallel data conversions for both the transmitter and
receiver sections. These functions are necessary for converting the serial data
stream into parallel data that is required with digital data systems. Synchronization for
the serial data stream is accomplished by adding start and stop bits to the transmit
data to form a data character. Data integrity is insured by attaching a parity bit to the
data character. The parity bit is checked by the receiver for any transmission bit
errors. The electronic circuitry to provide all these functions is fairly complex,
especially when manufactured on a single integrated silicon chip. The
SC16C554/554D represents such an integration with greatly enhanced features. The
SC16C554/554D is fabricated with an advanced CMOS process to achieve low drain
power and high speed requirements.
The SC16C554/554D is an upward solution that provides 16 bytes of transmit and
receive FIFO memory, instead of none in the 16C454. The SC16C554/554D is
designed to work with high speed modems and shared network environments that
require fast data processing time. Increased performance is realized in the
SC16C554/554D by the larger transmit and receive FIFOs. This allows the external
processor to handle more networking tasks within a given time. In addition, the four
selectable levels of FIFO trigger interrupt and automatic hardware/software flow
control is uniquely provided for maximum data throughput performance, especially
when operating in a multi-channel environment. The combination of the above greatly
reduces the bandwidth requirement of the external controlling CPU, increases
performance, and reduces power consumption.
The SC16C554/554DAI68 combines the package interface modes of the 16C454/554
and 68C454/554 series on a single integrated chip. The 16 mode interface is
designed to operate with the Intel-type of microprocessor bus, while the 68 mode is
intended to operate with Motorola and other popular microprocessors. Following a
reset, the SC16C554/554DAI68 is downward compatible with the 16C454/554 or the
68C454/554, dependent on the state of the interface mode selection pin, 16/68.
The SC16C554/554D is capable of operation to 1.5 Mbit/s with a 24 MHz crystal and
up to 5 Mbit/s with an external clock input (at 3.3 V and 5 V; at 2.5 V the maximum
speed is 3 Mbit/s).
The rich feature set of the SC16C554/554D is available through internal registers.
Automatic hardware/software flow control, selectable transmit and receive FIFO
trigger levels, selectable TX and RX baud rates, infrared encoder/decoder interface,
modem interface controls, and a sleep mode are all standard features. In the
16 mode, INTSEL and MCR[3] can be configured to provide a software controlled or
continuous interrupt capability. Due to pin limitations of the 64-pin package, this
feature is offered by two different LQFP64 packages. The SC16C554D operates in
the continuous interrupt enable mode by bonding INTSEL to VCC internally. The
SC16C554 operates in conjunction with MCR[3] by bonding INTSEL to GND
internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com