Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC16C554 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SC16C554
Description  Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C554 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SC16C554 Datasheet HTML 30Page - NXP Semiconductors SC16C554 Datasheet HTML 31Page - NXP Semiconductors SC16C554 Datasheet HTML 32Page - NXP Semiconductors SC16C554 Datasheet HTML 33Page - NXP Semiconductors SC16C554 Datasheet HTML 34Page - NXP Semiconductors SC16C554 Datasheet HTML 35Page - NXP Semiconductors SC16C554 Datasheet HTML 36Page - NXP Semiconductors SC16C554 Datasheet HTML 37Page - NXP Semiconductors SC16C554 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
Philips Semiconductors
SC16C554/554D
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Product data
Rev. 05 — 10 May 2004
34 of 55
9397 750 13132
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
When using software flow control the Xon/Xoff characters cannot be used for data transfer.
5
EFR[5]
Special Character Detect.
Logic 0 = Special character detect disabled (normal default condition).
Logic 1 = Special character detect enabled. The SC16C554/554D
compares each incoming receive character with Xoff2 data. If a match
exists, the received data will be transferred to FIFO and ISR[4] will be
set to indicate detection of special character. Bit-0 in the X-registers
corresponds with the LSB bit for the receive character. When this
feature is enabled, the normal software flow control must be disabled
(EFR[3-0] must be set to a logic 0).
4
EFR[4]
Enhanced function control bit. The content of IER[7:4], ISR[5:4], and
MCR[6] can be modified and latched. After modifying any bits in the
enhanced registers, EFR[4] can be set to a logic 0 to latch the new
values. This feature prevents existing software from altering or
overwriting the SC16C554/554D enhanced functions.
Logic 0 = Disable (normal default condition).
Logic 1 = Enable.
3:0
EFR[3:0]
Cont-3-0 Tx, Rx control. Logic 0 or cleared is the default condition.
Combinations of software flow control can be selected by programming
these bits. See Table 22.
Table 22:
Software flow control functions[1]
Cont-3
Cont-2
Cont-1
Cont-0
TX, RX software flow controls
0
0
X
X
No transmit flow control
1
0
X
X
Transmit Xon1/Xoff1
0
1
X
X
Transmit Xon2/Xoff2
1
1
X
X
Transmit Xon1 and Xon2/Xoff1 and Xoff2
X
X
0
0
No receive flow control
X
X
1
0
Receiver compares Xon1/Xoff1
X
X
0
1
Receiver compares Xon2/Xoff2
1
0
1
1
Transmit Xon1/Xoff1
Receiver compares Xon1 and Xon2, Xoff1 and Xoff2
0
1
1
1
Transmit Xon2/Xoff2
Receiver compares Xon1 and Xon2/Xoff1 and Xoff2
1
1
1
1
Transmit Xon1 and Xon2/Xoff1 and Xoff2
Receiver compares Xon1 and Xon2/Xoff1 and Xoff2
Table 21:
Enhanced Feature Register bits description…continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com