Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1877 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1877
Description  Dual Audio Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1877 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM1877 Datasheet HTML 1Page - National Semiconductor (TI) LM1877 Datasheet HTML 2Page - National Semiconductor (TI) LM1877 Datasheet HTML 3Page - National Semiconductor (TI) LM1877 Datasheet HTML 4Page - National Semiconductor (TI) LM1877 Datasheet HTML 5Page - National Semiconductor (TI) LM1877 Datasheet HTML 6Page - National Semiconductor (TI) LM1877 Datasheet HTML 7Page - National Semiconductor (TI) LM1877 Datasheet HTML 8Page - National Semiconductor (TI) LM1877 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
26V
Input Voltage
±0.7V
Operating Temperature
0˚C to +70˚C
Storage Temperature
−65˚C to +150˚C
Junction Temperature
150˚C
Lead Temperature
N-Package Soldering (10 sec.)
260˚C
M-Package Infared (15 sec.)
220˚C
M-Package Vapor Phase (60 sec.)
215˚C
Thermal Resistance
θ
JC (N-Package)
30˚C/W
θ
JA (N-Package)
79˚C/W
θ
JC (M-Package)
27˚C/W
θ
JA (M-Package)
114˚C/W
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to
the device may occur. Operating Ratings indicate conditions for which the de-
vice is functional, but do not guarantee specific performance limits.
Electrical Characteristics
V
S = 20V, TA = 25˚C, (Note 2) RL = 8Ω,AV = 50 (34 dB) unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Total Supply Current
P
O = 0W
25
50
mA
Output Power
THD = 10%
LM1877
V
S = 20V, RL = 8Ω
2.0
W/Ch
V
S = 12V, RL = 8Ω
1.3
W/Ch
Total Harmonic Distortion
LM1877
f = 1 kHz, V
S = 14V
P
O = 50 mW/Channel
0.075
%
P
O = 500 mW/Channel
0.045
%
P
O = 1 W/Channel
0.055
%
Output Swing
R
L = 8Ω
V
S −6
Vp-p
Channel Separation
C
F = 50 µF, CIN = 0.1 µF,
f = 1 kHz, Output Referred
V
S = 20V, VO = 4 Vrms
−50
−70
dB
V
S = 7V, VO = 0.5 Vrms
−60
dB
PSRR Power Supply
C
F = 50 µF, CIN = 0.1 µF,
Rejection Ratio
f = 120 Hz, Output Referred
V
S = 20V, VRIPPLE = 1 Vrms
−50
−65
dB
V
S = 7V, VRIPPLE = 0.5 Vrms
−40
dB
Noise
Equivalent Input Noise
R
S = 0, CIN = 0.1 µF,
2.5
µV
BW = 20 Hz–20 kHz, Output Noise Wideband
R
S = 0, CN = 0.1 µF, AV 200
0.80
mV
Open Loop Gain
R
S = 0, f = 100 kHz, RL = 8Ω
70
dB
Input Offset Voltage
15
mV
Input Bias Current
50
nA
Input Impedance
Open Loop
4
M
Ω
DC Output Level
V
S = 20V
9
10
11
V
Slew Rate
2.0
V/µs
Power Bandwidth
65
kHz
Current Limit
1.0
A
Note 2: For operation at ambient temperature greater than 25˚C, the LM1877 must be derated based on a maximum 150˚C junction temperature.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com