Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1877 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1877
Description  Dual Audio Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1877 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1877 Datasheet HTML 1Page - National Semiconductor (TI) LM1877 Datasheet HTML 2Page - National Semiconductor (TI) LM1877 Datasheet HTML 3Page - National Semiconductor (TI) LM1877 Datasheet HTML 4Page - National Semiconductor (TI) LM1877 Datasheet HTML 5Page - National Semiconductor (TI) LM1877 Datasheet HTML 6Page - National Semiconductor (TI) LM1877 Datasheet HTML 7Page - National Semiconductor (TI) LM1877 Datasheet HTML 8Page - National Semiconductor (TI) LM1877 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM1877
Dual Audio Power Amplifier
General Description
The LM1877 is a monolithic dual power amplifier designed to
deliver 2W/channel continuous into 8
Ω loads. The LM1877 is
designed to operate with a low number of external compo-
nents, and still provide flexibility for use in stereo phono-
graphs, tape recorders and AM-FM stereo receivers, etc.
Each power amplifier is biased from a common internal regu-
lator to provide high power supply rejection, and output Q
point centering. The LM1877 is internally compensated for
all gains greater than 10.
Features
n 2W/channel
n −65 dB ripple rejection, output referred
n −65 dB channel separation, output referred
n Wide supply range, 6V–24V
n Very low cross-over distortion
n Low audio band noise
n AC short circuit protected
n Internal thermal shutdown
Applications
n Multi-channel audio systems
n Stereo phonographs
n Tape recorders and players
n AM-FM radio receivers
n Servo amplifiers
n Intercom systems
n Automotive products
Connection Diagram
Dual-In-Line Package
or Surface Mount Package
DS007913-1
Top View
Order Number LM1877M-9 or LM1877N-9
See NS Package Number M14B or N14A
February 1995
© 1999 National Semiconductor Corporation
DS007913
www.national.com


Similar Part No. - LM1877

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1877 TI-LM1877 Datasheet
1Mb / 14P
LM1877 Dual Audio Power Amplifier
LM1877 TI1-LM1877 Datasheet
1Mb / 15P
Dual Audio Power Amplifier
LM1877M-9 TI-LM1877M-9 Datasheet
1Mb / 14P
LM1877 Dual Audio Power Amplifier
LM1877M-9/NOPB TI1-LM1877M-9/NOPB Datasheet
1Mb / 15P
Dual Audio Power Amplifier
LM1877MX-9 TI-LM1877MX-9 Datasheet
1Mb / 14P
LM1877 Dual Audio Power Amplifier
More results

Similar Description - LM1877

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1316 NEC-UPC1316 Datasheet
1Mb / 8P
DUAL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8265K TOSHIBA-TA8265K Datasheet
353Kb / 9P
DUAL AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD6282 YOUDA-YD6282 Datasheet
155Kb / 4P
DUAL AUDIO POWER AMPLIFIER
YD8207 YOUDA-YD8207 Datasheet
154Kb / 4P
DUAL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8200AH TOSHIBA-TA8200AH_02 Datasheet
230Kb / 11P
Dual Audio Power Amplifier
TA8258HQ TOSHIBA-TA8258HQ_06 Datasheet
345Kb / 13P
Dual Audio Power Amplifier
TB2922HQ TOSHIBA-TB2922HQ Datasheet
337Kb / 15P
Dual Audio Power Amplifier
logo
Texas Instruments
LM1877 TI1-LM1877_16 Datasheet
1Mb / 15P
Dual Audio Power Amplifier
LM1896 TI1-LM1896 Datasheet
516Kb / 12P
Dual Audio Power Amplifier
logo
Toshiba Semiconductor
TA8258H TOSHIBA-TA8258H Datasheet
371Kb / 12P
Dual Audio Power Amplifier
2002-02-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com