Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 2 Page - Keysight Technologies

Part # 2000
Description  InfiniiVision 2000 X-Series Oscilloscopes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

2000 Datasheet(HTML) 2 Page - Keysight Technologies

  2000 Datasheet HTML 1Page - Keysight Technologies 2000 Datasheet HTML 2Page - Keysight Technologies 2000 Datasheet HTML 3Page - Keysight Technologies 2000 Datasheet HTML 4Page - Keysight Technologies 2000 Datasheet HTML 5Page - Keysight Technologies 2000 Datasheet HTML 6Page - Keysight Technologies 2000 Datasheet HTML 7Page - Keysight Technologies 2000 Datasheet HTML 8Page - Keysight Technologies 2000 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
02 | Keysight | InfiniiVision 2000 X-Series Oscilloscopes - Data Sheet
Breakthrough Technology For Budget Conscious Customers
Overview of the Keysight InfiniiVision X-Series oscilloscopes
InfiniiVision 2000 X-Series
InfiniiVision 3000T X-Series
InfiniiVision 4000 X-Series
Analog channels
2 and 4
2 and 4
2 and 4
Bandwidth (upgradable)
70, 100, 200 MHz
100, 200, 350, 500 MHz, 1 GHz
200, 350, 500 MHz, 1 GHz, 1.5 GHz
Digital channels
8 (MSO models or upgrade) 1
16 (MSO models or upgrade)
16 (MSO models or upgrade)
Maximum sample rate
2 GSa/s
5 GSa/s
5 GSa/s
Maximum memory depth
100 kpts/channel (standard)
1 Mpt/channel (optional)
4 Mpts (standard)
4 Mpts (standard)
Waveform update rate
> 50,000 waveforms per second
> 1,000,000 waveforms per second
> 1,000,000 waveforms per second
Display
8.5-inch display
8.5-inch capacitive touch display
12.1-inch capacitive touch display
InfiniiScan Zone touch trigger
No
Standard
Standard
WaveGen 20-MHz function/
arbitrary waveform generator
Single-channel function only (option)
Single-channel AWG (option)
Dual-channel AWG (option)
Integrated digital voltmeter
Yes (option)
Yes with 8 digit counter (option)
Yes (option)
Search and navigate
Yes (serial)
Yes
Yes
Serial protocol analysis
Yes (optional: CAN, LIN, I²C, SPI,
RS232/UART) 1
Yes (optional: ARINC 429, CAN,
CAN-FD, I2C, I2S, LIN, MIL-STD-1553,
SPI, UART/RS232)
Yes (optional: ARINC 429, CAN,
CAN-FD, I2C, I2S, LIN, MIL-STD-1553,
SPI, UART/RS232, USB 2.0)
Segmented memory
Yes (option)
Standard
Standard
Mask/limit testing
Yes (option)
Yes (option)
Yes (option)
Power analysis
No
Yes (option)
Yes (option)
USB 2.0 signal quality test
No
No
Yes (option)
HDTV analysis
No
Yes (option)
Yes (option)
Advanced waveform math
No
Standard
Standard
Connectivity
Standard USB 2.0 (LAN/Video option)
(GPIB option)
Standard USB2.0 (LAN/Video option)
(GPIB option)
Standard USB2.0, LAN, video out
(GPIB option)
1. The digital channels and serial protocol analysis cannot be used simultaneously on 2000 X-Series.
Want to Touch operation to Discover and Solve
your problem?
See the InfiniiVision 3000T X-Series.
– First in class 8.5-inch capacitive touch display
– Zone touch trigger capability
– 100 MHz to 1 GHz DSO and MSO models
– > 1,000,000 wfms/sec
– Standard segmented memory
– Fully upgradable 6 instrument in 1
– Digital channels (MSO)
– Protocol analysis including new CAN-FD and SENT bus
support
– 20 MHz WaveGen with arbitrary waveform and
modulation support
– 3-digit digital voltmeter (DVM)
– 8-digit counter/totalizer
– N7020A Power Rail Probe and N2820A High Sensitivity
Current Probe support
– Standard time gated FFT feature
See www.keysight.com/find/3000TX-Series for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com