Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 21 Page - Keysight Technologies

Part # 2000
Description  InfiniiVision 2000 X-Series Oscilloscopes
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

2000 Datasheet(HTML) 21 Page - Keysight Technologies

Back Button 2000 Datasheet HTML 16Page - Keysight Technologies 2000 Datasheet HTML 17Page - Keysight Technologies 2000 Datasheet HTML 18Page - Keysight Technologies 2000 Datasheet HTML 19Page - Keysight Technologies 2000 Datasheet HTML 20Page - Keysight Technologies 2000 Datasheet HTML 21Page - Keysight Technologies 2000 Datasheet HTML 22Page - Keysight Technologies 2000 Datasheet HTML 23Page - Keysight Technologies 2000 Datasheet HTML 24Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21 | Keysight | InfiniiVision 2000 X-Series Oscilloscopes - Data Sheet
License-only Bandwidth Upgrades And Measurement Applications
Bandwidth upgrade models
2000 X-Series
DSOX2BW12
70 to 100 MHz, 2 ch, License only
DSOX2BW14
70 to 100 MHz, 4 ch, License only
DSOX2BW22
100 to 200 MHz, 2 ch, License only
DSOX2BW24
100 to 200 MHz, 4 ch, License only
Process description
1
Place order for a license only bandwidth upgrade or measurement
appliction product to a Keysight sales partner. If multiple
bandwidth upgrade steps are needed, order all the corresponding
upgrade products required to get from current bandwidth to
desired bandwidth. In the case where the new bandwidth requires
higher bandwidth passive probes, they are included with the
upgrade. For the DSOX2BW22 and DSOX2BW24, the N2863B
10:1 300 MHz passive probes (1 per channel) will be sent with the
upgrade.
2
Receive a paper or electronic .pdf Entitlement Certificate
document for any of the orderable measurement applications For
bandwidth upgrades only, you receive a stick-on label document
indicating upgraded bandwidth specification.
3
Use Entitlement Certificate or electronic .pdf document containing
instructions and certificate number needed to generate a license
file for a particular 2000 X-Series oscilloscope model number and
serial number unit.
4
Receive the licensed file and installation instructions via email.
5
Copy license file (.lic extension) from email to a USB drive and
follow instructions in email to install the purchased bandwidth
upgrade or measurement application on the oscilloscope.
6
For bandwidth upgrades only, attach bandwidth upgraded stick-
on labels to front and rear panels of the oscilloscope. Model
number and serial number of the oscilloscope do not change.
Measurement applications
DSOX2MEMUP
Upgrade to 1 Mpts per channel
DSOX2COMP
Computer serial triggering and analysis
(RS232/422/485/UART)
DSOX2AUTO
Automotive serial triggering and analysis (CAN, LIN)
DSOX2EMBD
Embedded serial triggering and analysis (I2C, SPI)
DSOX2WAVEGEN
WaveGen (built-in function generator)
DSOXDVM
Integrated digital voltmeter
DSOXEDK
Educator’s kit
DSOX2MASK
Mask testing
DSOX2SGM
Segmented memory
DSOX2MSO
Upgrade to 8 digital timing channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com