Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL600-27TSI-R Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # PL600-27TSI-R
Description  Low Power 3 Output XO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL600-27TSI-R Datasheet(HTML) 1 Page - Micrel Semiconductor

  PL600-27TSI-R Datasheet HTML 1Page - Micrel Semiconductor PL600-27TSI-R Datasheet HTML 2Page - Micrel Semiconductor PL600-27TSI-R Datasheet HTML 3Page - Micrel Semiconductor PL600-27TSI-R Datasheet HTML 4Page - Micrel Semiconductor PL600-27TSI-R Datasheet HTML 5Page - Micrel Semiconductor PL600-27TSI-R Datasheet HTML 6Page - Micrel Semiconductor PL600-27TSI-R Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PL600-27T
Low Power 3 Output XO
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 6/24/10 Page 1
FEATURES
 3 LVCMOS outputs with OE tri-state control
 Low current consumption:
o
<4.5mA @ 27MHz, 3.3V
 10 to 52MHz fundamental crystal input
 1 to 100MHz reference clock input
 Accepts both LVCMOS and sine wave inputs
 Low phase noise (-130 dBc @ 10kHz offset)
 Low jitter (RMS): 2.5ps period jitter
 12mA drive capability at TTL output
 1.8V to 3.3V operation
 Available in GREEN/RoHS 8-pin SOP and 6-pin
SOT23 packages
DESCRIPTION
The PL600-27T is a low cost XO IC, designed to re-
place multiple XO solutions saving the cost and
board space of clock distribution buffers. In addition,
it provides among the lowest current on the market
for the 10MHz to 52MHz range. The PL600-27T ac-
cepts crystal and clock inputs from 10 to 52MHz
(fundamental resonant mode crystal) and provides
low phase noise (<-130dBc at 10kHz offset at
30MHz), and very low jitter (2.5 ps RMS period jitter)
outputs.
PIN ASSIGNMENT
BLOCK DIAGRAM
Xtal
Osc
XIN/FIN
XOUT
CLK0
OE
CLK1
CLK2
1
2
3
4
5
6
CLK1
GND
FIN
CLK2
CLK0
VDD
SOT23-6L
1
2
3
4
5
6
7
8
XIN/FIN
OE^
CLK1
GND
XOUT
VDD
CLK2
CLK0
^: Denotes internal Pull-up
SOP-8L


Similar Part No. - PL600-27TSI-R

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
PL6002JP YENYO-PL6002JP Datasheet
649Kb / 2P
Polyimide Passivated Auto Rectifier
PL6004JP YENYO-PL6004JP Datasheet
649Kb / 2P
Polyimide Passivated Auto Rectifier
PL6006JP YENYO-PL6006JP Datasheet
649Kb / 2P
Polyimide Passivated Auto Rectifier
More results

Similar Description - PL600-27TSI-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL620-80 ETC1-PLL620-80 Datasheet
212Kb / 7P
Low Phase Noise XO (9.5-65MHz Output)
logo
PhaseLink Corporation
PLL620-88 PLL-PLL620-88 Datasheet
200Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
PLL600-27F PLL-PLL600-27F Datasheet
193Kb / 4P
Low Power 5 Output XO 10MHz to 52MHz
PLL600-27T-37T PLL-PLL600-27T-37T Datasheet
196Kb / 4P
Low Power 3 Outputs XO 10MHz to 52MHz
PLL620-80 PLL-PLL620-80 Datasheet
813Kb / 7P
Low Phase Noise XO (9.5-65MHz Output)
logo
Abracon Corporation
ABX0027T ABRACON-ABX0027T Datasheet
50Kb / 4P
Low Power 3 Outputs XO 10MHz to 52MHz
03/21/05
ABX2088 ABRACON-ABX2088 Datasheet
67Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
03/21/05
logo
Nel Frequency Controls,...
SU-XA6XXX-X NEL-SU-XA6XXX-X Datasheet
155Kb / 3P
Sinewave Output XO
logo
Micrel Semiconductor
PL620-88 MICREL-PL620-88 Datasheet
347Kb / 6P
Low Phase Noise XO (9.5-65MHz Output)
logo
Abracon Corporation
ABX0027F ABRACON-ABX0027F Datasheet
54Kb / 4P
Low Power 5 Output XO 10MHz to 52MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com