Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL502-39OC-R Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # PL502-39OC-R
Description  750kHz ??800MHz Low Phase Noise Multiplier VCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL502-39OC-R Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button PL502-39OC-R Datasheet HTML 2Page - Micrel Semiconductor PL502-39OC-R Datasheet HTML 3Page - Micrel Semiconductor PL502-39OC-R Datasheet HTML 4Page - Micrel Semiconductor PL502-39OC-R Datasheet HTML 5Page - Micrel Semiconductor PL502-39OC-R Datasheet HTML 6Page - Micrel Semiconductor PL502-39OC-R Datasheet HTML 7Page - Micrel Semiconductor PL502-39OC-R Datasheet HTML 8Page - Micrel Semiconductor PL502-39OC-R Datasheet HTML 9Page - Micrel Semiconductor PL502-39OC-R Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PL502-35/-37/-38/-39
750kHz
– 800MHz Low Phase Noise Multiplier VCXO
Universal Low Phase Noise ICs
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 4/15/13 Page 10
Micrel Inc., reserves the right to make changes in its products or specifications, or both at any time without notice. The in formation furnished by Micrel
is believed to be accurate and reliable. However, Micrel makes no guarantee or warranty co ncerning the accuracy of said information and shall not be
responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: Micrel’s products are not authorized for use as critical compone nts in life support devices or systems without the express
written approval of the President of Micrel Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com