Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL502-39OC-R Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # PL502-39OC-R
Description  750kHz ??800MHz Low Phase Noise Multiplier VCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL502-39OC-R Datasheet(HTML) 3 Page - Micrel Semiconductor

  PL502-39OC-R Datasheet HTML 1Page - Micrel Semiconductor PL502-39OC-R Datasheet HTML 2Page - Micrel Semiconductor PL502-39OC-R Datasheet HTML 3Page - Micrel Semiconductor PL502-39OC-R Datasheet HTML 4Page - Micrel Semiconductor PL502-39OC-R Datasheet HTML 5Page - Micrel Semiconductor PL502-39OC-R Datasheet HTML 6Page - Micrel Semiconductor PL502-39OC-R Datasheet HTML 7Page - Micrel Semiconductor PL502-39OC-R Datasheet HTML 8Page - Micrel Semiconductor PL502-39OC-R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PL502-35/-37/-38/-39
750kHz
– 800MHz Low Phase Noise Multiplier VCXO
Universal Low Phase Noise ICs
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 4/15/13 Page 3
PIN DESCRIPTIONS PL502-37/-39 (see previous page for PL502-35/-38)
Name
TSSOP
Pin number
3x3mm QFN
Pin number
Type
Description
XIN
2
12
I
Crystal input. See Crystal Specification on page 4.
XOUT
3
13
I
Crystal output. See Crystal Specification on page 4.
OE
6
16
I
Output enable pin (see OE logic state table on page 1).
VCON
7
1
I
Voltage Control input.
GND
8,9,10,14
2,3,4,8
P
Ground.
CLKT
11
5
O
LVDS True output for PL502-39
No Connect for PL502-37
CLKC
13
7
O
LVDS Complementary output for PL502-39
LVCMOS out for PL502-37
SEL0
16
10
I
Multiplier selector pins. These pins have an internal pull-
up that will default SELx to ‘1’ when not connected to
GND.
SEL1
15
9
I
SEL2
5
15
I
SEL3
4
14
I
VDD
1, 12
6,11
P
+3.3V power supply.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
C
Ambient Operating Temperature*
TA
-40
85
C
Junction Temperature
TJ
125
C
Lead Temperature (soldering, 10s)
260
C
ESD Protection, Human Body Model
2.5
kV
Exposure of the device under conditions beyond the limits specified by Maximum R atings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the dev ice at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade on ly.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com