Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL502-02SC-R Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # PL502-02SC-R
Description  Low Phase Noise VCXO (24MHz to 50MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL502-02SC-R Datasheet(HTML) 2 Page - Micrel Semiconductor

  PL502-02SC-R Datasheet HTML 1Page - Micrel Semiconductor PL502-02SC-R Datasheet HTML 2Page - Micrel Semiconductor PL502-02SC-R Datasheet HTML 3Page - Micrel Semiconductor PL502-02SC-R Datasheet HTML 4Page - Micrel Semiconductor PL502-02SC-R Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PL502-02
Low Phase Noise VCXO (24MHz to 50MHz)
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 5/16/11 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
XOUT
1
I
Crystal output. See Crystal Specifications on page 4.
N/C
2,7
-
Not connected.
VCON
3
I
Voltage Control input.
GND
4
P
Ground.
CLK
5
O
Output clock.
VDD
6
P
+3.3V power supply.
XIN
8
I
Crystal input. See Crystal Specifications on page 4.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
C
Ambient Operating Temperature*
TA
-40
85
C
Junction Temperature
TJ
125
C
Lead Temperature (soldering, 10s)
260
C
ESD Protection, Human Body Model
2
kV
Exposure of the device unde r conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the dev ice at these or any other con-
ditions above the operational limits noted in this specification is not implied. Note: Operating Temperature is guaranteed by design for all parts (CO M-
MERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. AC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Crystal Frequency
12
25
MHz
Output Clock Rise/Fall Time
(Standard Drive)
tr/tf
0.3V ~ 3.0V, 15 pF load
2.4
ns
Output Clock Rise/Fall Time
(High Drive)
tr/tf
0.3V ~ 3.0V, 15 pF load
1.2
Output Clock Duty Cycle
Measured @ 50% VDD
45
50
55
%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com