Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL502-02SC-R Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # PL502-02SC-R
Description  Low Phase Noise VCXO (24MHz to 50MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL502-02SC-R Datasheet(HTML) 4 Page - Micrel Semiconductor

  PL502-02SC-R Datasheet HTML 1Page - Micrel Semiconductor PL502-02SC-R Datasheet HTML 2Page - Micrel Semiconductor PL502-02SC-R Datasheet HTML 3Page - Micrel Semiconductor PL502-02SC-R Datasheet HTML 4Page - Micrel Semiconductor PL502-02SC-R Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PL502-02
Low Phase Noise VCXO (24MHz to 50MHz)
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 5/16/11 Page 4
6. Crystal Specifications
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
12
25
MHz
Crystal Loading Capacitance Rating
CL (xtal)
9.5
pF
C0/C1
250
-
ESR
RS
30
Ω
Note: Crystal Loading rating: 9.5pF is the loading the crystal sees from the VCXO chip at VCON = 1.65V. It is assumed that the cr ystal will be at nomi-
nal frequency at this load. If the crystal requires more load to be at nominal frequency, the additiona l load must be added externally.
This however may reduce the pull range.
PACKAGE INFORM ATION (GREEN PACKAGE COM PLIANT)
C
L
A
E
H
D
A1
e
B
8 PIN SOP (in mm)
Symbol
Min.
Max.
A
1.47
1.73
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
4.95
E
3.80
4.00
H
5.80
6.20
L
0.38
1.27
e
1.27 BSC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com