Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL502-02HSC-R Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # PL502-02HSC-R
Description  Low Phase Noise VCXO (24MHz to 50MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL502-02HSC-R Datasheet(HTML) 1 Page - Micrel Semiconductor

  PL502-02HSC-R Datasheet HTML 1Page - Micrel Semiconductor PL502-02HSC-R Datasheet HTML 2Page - Micrel Semiconductor PL502-02HSC-R Datasheet HTML 3Page - Micrel Semiconductor PL502-02HSC-R Datasheet HTML 4Page - Micrel Semiconductor PL502-02HSC-R Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PL502-02
Low Phase Noise VCXO (24MHz to 50MHz)
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 5/16/11 Page 1
FEATURES
 Low phase noise VCXO output for the 24MHz to
50MHz range (-130 dBc at 10kHz offset)
 LVCMOS output
 12 to 25MHz crystal input
 Integrated variable capacitors
 Available with High Drive (30mA) or Standard
Drive (10mA) output
 Wide pull range (± 250 ppm typical)
 Low period jitter: 3ps RMS
 3.3V operation
 Available in 8-Pin SOP.
DESCRIPTION
The PL502-02 is a low cost, high performance, low
phase noise VCXO, providing less than -130dBc at
10kHz offset in the 24MHz to 50MHz operating
range. The very low jitter (3 ps RMS period jitter)
makes this chip ideal for applications requiring volt-
age controlled frequency sources. Input crystal can
range from 12MHz to 25MHz (fundamental resonant
mode).
PIN CONFIGURATION
OUTPUT RANGE
MULTIPLIER
FREQUENCY
RANGE
OUTPUT
BUFFER
x2
24 to 50MHz
LVCMOS
BLOCK DIAGRAM
Reference
Divider
Phase
Comparator
Charge
Pump
Loop
Filter
VCO
VCO
Divider
XTAL
OSC
OE
XIN
XOUT
CLK
VCON
VARICAP
1
2
3
4
5
6
7
8
XOUT
N/C
VCON
GND
XIN
VDD
CLK
N/C
SOP-8L


Similar Part No. - PL502-02HSC-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL502-03 MICREL-PL502-03 Datasheet
304Kb / 5P
Low Phase Noise VCXO (48MHz to 100MHz)
PL502-03HSC MICREL-PL502-03HSC Datasheet
304Kb / 5P
Low Phase Noise VCXO (48MHz to 100MHz)
PL502-03HSC-R MICREL-PL502-03HSC-R Datasheet
304Kb / 5P
Low Phase Noise VCXO (48MHz to 100MHz)
PL502-03SC MICREL-PL502-03SC Datasheet
304Kb / 5P
Low Phase Noise VCXO (48MHz to 100MHz)
PL502-03SC-R MICREL-PL502-03SC-R Datasheet
304Kb / 5P
Low Phase Noise VCXO (48MHz to 100MHz)
More results

Similar Description - PL502-02HSC-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL502-02 ETC1-PLL502-02 Datasheet
177Kb / 4P
Low Phase Noise VCXO (24MHz to 50MHz)
logo
PhaseLink Corporation
PLL602-01 PLL-PLL602-01 Datasheet
202Kb / 4P
Low Phase Noise XO (24MHz to 50MHz)
PLL502-21 PLL-PLL502-21 Datasheet
141Kb / 6P
384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-22 PLL-PLL502-22 Datasheet
139Kb / 6P
384MHz - 768MHz Low Phase Noise LVDS VCXO (12 - 24MHz Crystal)
PLL502-24 PLL-PLL502-24 Datasheet
93Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-27 PLL-PLL502-27 Datasheet
93Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-01 PLL-PLL502-01 Datasheet
93Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-02 PLL-PLL502-02 Datasheet
180Kb / 4P
Low Phase Noise VCXO (24MHz to 50MHz)
logo
Abracon Corporation
ABV0202 ABRACON-ABV0202 Datasheet
56Kb / 4P
Low Phase Noise VCXO (24MHz to 50MHz)
03/11/05
ABX0201 ABRACON-ABX0201 Datasheet
54Kb / 4P
Low Phase Noise XO (24MHz to 50MHz)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com