Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL502-02HSC-R Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # PL502-02HSC-R
Description  Low Phase Noise VCXO (24MHz to 50MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL502-02HSC-R Datasheet(HTML) 3 Page - Micrel Semiconductor

  PL502-02HSC-R Datasheet HTML 1Page - Micrel Semiconductor PL502-02HSC-R Datasheet HTML 2Page - Micrel Semiconductor PL502-02HSC-R Datasheet HTML 3Page - Micrel Semiconductor PL502-02HSC-R Datasheet HTML 4Page - Micrel Semiconductor PL502-02HSC-R Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PL502-02
Low Phase Noise VCXO (24MHz to 50MHz)
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 5/16/11 Page 3
3. DC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic,
with Loaded Outputs
IDD
FXIN = 25MHz
Output load 10pF
16
20
mA
Operating Voltage
VDD
2.97
3.63
V
Output Drive Current
(High Drive)
IOH
VOH= VDD-0.4V, VDD=3.3V
30
mA
IOL
VOL = 0.4V, VDD = 3.3V
30
mA
Output Drive Current
(Standard Drive)
IOH
VOH= VDD-0.4V, VDD=3.3V
10
mA
IOL
VOL = 0.4V, VDD = 3.3V
10
mA
VCXO Control Voltage
VCON
0
3.3
V
4. Voltage Control Crystal Oscillator
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VCXO Stabilization Time *
TVCXOSTB
From power valid
10
ms
VCXO Tuning Range
FXIN = 12 – 25MHz;
XTAL C0/C1 < 250
0V
 VCON  3.3V
500
ppm
CLK output pullability
VCON=1.65V,
1.65V
200
ppm
VCXO Tuning Characteristic
165
ppm/V
Pull range linearity
10
%
VCON pin input impedance
2000
kΩ
VCON modulation BW
0V
 VCON  3.3V, -3dB
10
kHz
Note: Parameters denoted with an asterisk (*) represent no minal characterization data and are not production tested to any specific limits.
5. Jitter and Phase Noise Specification
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
RMS Period Jitter
(1 sigma – 1000 samples)
44MHz, with capacitive decoupling
between VDD and GND
3
ps
Phase Noise relative to carrier
44MHz @100Hz offset
-100
dBc/Hz
Phase Noise relative to carrier
44MHz @1kHz offset
-123
dBc/Hz
Phase Noise relative to carrier
44MHz @10kHz offset
-130
dBc/Hz
Phase Noise relative to carrier
44MHz @100kHz offset
-125
dBc/Hz
Phase Noise relative to carrier
44MHz @1MHz offset
-125
dBc/Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com