Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL500-17TC-R Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # PL500-17TC-R
Description  Low Phase Noise VCXO (17MHz to 36MHz)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL500-17TC-R Datasheet(HTML) 3 Page - Micrel Semiconductor

  PL500-17TC-R Datasheet HTML 1Page - Micrel Semiconductor PL500-17TC-R Datasheet HTML 2Page - Micrel Semiconductor PL500-17TC-R Datasheet HTML 3Page - Micrel Semiconductor PL500-17TC-R Datasheet HTML 4Page - Micrel Semiconductor PL500-17TC-R Datasheet HTML 5Page - Micrel Semiconductor PL500-17TC-R Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PL500-17
Low Phase Noise VCXO (17MHz to 36MHz)
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 6/15/10 Page 3
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
C
Ambient Operating Temperature*
TA
-40
85
C
Junction Temperature
TJ
125
C
Lead Temperature (soldering, 10s)
260
C
ESD Protection, Machine Model
200
V
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permane nt damage to the
device and affect product reliability. These conditions represent a stress rating only, and functiona l operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.* Note: Operating Temperature is guaranteed by design for all parts
(COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL g rade only.
2. Voltage Control Crystal Oscillator
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VCXO Stabilization Time *
TVCXOSTB From power valid
10
ms
VCXO Tuning Range
XTAL C0/C1 < 250
0V
 VCON  3.3V
300
ppm
CLK Output Pullability
VCON=1.65V,
1.65V
150
ppm
VCXO Tuning Characteristic
100
ppm/V
Pull Range Linearity
5
%
Power Supply Rejection
PWSRR
Frequency change, VDD ±10%
-1
+1
ppm
VCON Pin Input Impedance
5000
k
VCON Modulation BW
0V
 VCON  3.3V, -3dB
18
kHz
Note: Parameters denoted with an asterisk (*) represent nominal characterization data and are not production tested to any specific limits.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com