Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL500-17TC-R Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # PL500-17TC-R
Description  Low Phase Noise VCXO (17MHz to 36MHz)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL500-17TC-R Datasheet(HTML) 4 Page - Micrel Semiconductor

  PL500-17TC-R Datasheet HTML 1Page - Micrel Semiconductor PL500-17TC-R Datasheet HTML 2Page - Micrel Semiconductor PL500-17TC-R Datasheet HTML 3Page - Micrel Semiconductor PL500-17TC-R Datasheet HTML 4Page - Micrel Semiconductor PL500-17TC-R Datasheet HTML 5Page - Micrel Semiconductor PL500-17TC-R Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PL500-17
Low Phase Noise VCXO (17MHz to 36MHz)
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 6/15/10 Page 4
3. AC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Crystal Frequency
Fin
Fundamental Mode
17
36
MHz
Output Clock Rise/Fall Time
tr / tf
0.8V to 2.0V, 10 pF load
1.15
ns
tr / tf
0.3V to 3.0V, 15 pF load
3.7
Output Clock Duty Cycle
45
50
55
%
Output Enable/Disable Time
tOE
5
ns
Start-Up Time
tSU
1
ms
4. Jitter and Phase Noise Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
RMS Period Jitter
(1 sigma – 1000 samples)
With capacitive decoupling between
VDD and GND.
2.5
ps
Phase Noise,
Relative to Carrier
27MHz @100Hz offset
-100
dBc/Hz
27MHz @1kHz offset
-125
dBc/Hz
27MHz @10kHz offset
-142
dBc/Hz
27MHz @100kHz offset
-150
dBc/Hz
27MHz @1MHz offset
-150
dBc/Hz
5. DC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current,
Dynamic
IDD
27MHz, 15pF Load, 3.3V
3.7
5
mA
27MHz, 15pF Load, 2.5V
2.4
3.5
Supply Current,
Output Disabled
IDD_OE
27MHz, 3.3V, OE=Low
1.4
mA
27MHz, 2.5V, OE=Low
1
Operating Voltage
VDD
2.25
3.63
V
Output Low Voltage,CMOS
VOLC
IOL = +4mA
0.4
V
Output High Voltage, CMOS
VOHC
IOH = -4mA
VDD – 0.4
V
Output Drive Current
For VOL<0.4V or VOH>2.4V
8
9.5
mA
VCXO Control Voltage
VCON
0
VDD
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com