Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL500-15SC-R Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # PL500-15SC-R
Description  Low Phase Noise VCXO (1MHz to 18MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL500-15SC-R Datasheet(HTML) 1 Page - Micrel Semiconductor

  PL500-15SC-R Datasheet HTML 1Page - Micrel Semiconductor PL500-15SC-R Datasheet HTML 2Page - Micrel Semiconductor PL500-15SC-R Datasheet HTML 3Page - Micrel Semiconductor PL500-15SC-R Datasheet HTML 4Page - Micrel Semiconductor PL500-15SC-R Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PL500-15/16
Low Phase Noise VCXO (1MHz to 18MHz)
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 7/01/10 Page 1
FEATURES
 VCXO with Divider Selection (DIVSEL) input pin
 PL500-15: ÷8, ÷16
 PL500-16: ÷2, ÷4
 VCXO output for the 1MHz to 18MHz range
 16MHz to 36MHz fundamental crystal input.
 Low phase noise (-130 dBc @ 10kHz offset
using a 35.328MHz crystal).
 LVCMOS output with OE tri-state control.
 Integrated high linearity variable capacitors.
 12mA drive capability at TTL output.
 ± 150 ppm pull range, max 5% linearity.
 Low jitter (RMS): 2.5ps period jitter.
 2.5V ~ 3.3V operation.
 Available in 8-Pin SOP, 6-pin SOT23 GREEN/
RoHS compliant packages, or DIE.
DESCRIPTION
The PL500-15/16 is a low cost, high performance
and low phase noise VCXO for the 1MHz to 18MHz
range, providing less than -130dBc at 10kHz offset
when using a 35.328MHz crystal. The very low jitter
(2.5 ps RMS period jitter) makes this chip ideal for
applications requiring voltage controlled frequency
sources. Input crystal can range from 16MHz to
36MHz (fundamental resonant mode).
PIN CONFIGURATION
DIVIDER SELECTION LOGIC LEVELS
Part #
DivSel State
Operation
PL500-15
1 (Default)*
÷16
0
÷8
PL500-16
1 (Default)*
÷4
0
÷2
* Setting for SOT23 package
BLOCK DIAGRAM
Xtal
Osc
VCON
XIN
CLK
Selectable
Divider
Varicap
XOUT
DIVSEL
1
2
3
4
5
6
7
8
XIN
VCON
DIVSEL^
GND
XOUT
VDD
CLK
OE^
1
2
3
4
5
6
VCON
GND
XIN
CLK
XOUT
VDD
SOP-8L
SOT23-6L*
^: Denotes internal Pull-up
*: SOT package offers single divider option only


Similar Part No. - PL500-15SC-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL500-17 MICREL-PL500-17 Datasheet
321Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
PL500-17DC MICREL-PL500-17DC Datasheet
321Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
PL500-17SC MICREL-PL500-17SC Datasheet
321Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
PL500-17SC-R MICREL-PL500-17SC-R Datasheet
321Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
PL500-17TC-R MICREL-PL500-17TC-R Datasheet
321Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
More results

Similar Description - PL500-15SC-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL500-17 ETC-PLL500-17 Datasheet
215Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
logo
PhaseLink Corporation
PLL500-17B PLL-PLL500-17B Datasheet
205Kb / 5P
Low Phase Noise VCXO (17MHz to 36MHz)
PLL500-37 PLL-PLL500-37 Datasheet
200Kb / 5P
Low Phase Noise VCXO (36MHz to 130MHz)
PLL502-24 PLL-PLL502-24 Datasheet
93Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-03 PLL-PLL502-03 Datasheet
181Kb / 4P
Low Phase Noise VCXO (48MHz to 100MHz)
PLL502-04 PLL-PLL502-04 Datasheet
180Kb / 4P
Low Phase Noise VCXO (96MHz to 200MHz)
PLL500-15 PLL-PLL500-15 Datasheet
212Kb / 6P
Low Phase Noise VCXO (1MHz to 18MHz)
logo
Micrel Semiconductor
PL502-02 MICREL-PL502-02 Datasheet
303Kb / 5P
Low Phase Noise VCXO (24MHz to 50MHz)
PL500-37 MICREL-PL500-37 Datasheet
322Kb / 6P
Low Phase Noise VCXO (36MHz to 130MHz)
PL500-17 MICREL-PL500-17 Datasheet
321Kb / 6P
Low Phase Noise VCXO (17MHz to 36MHz)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com