Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL500-15SC-R Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # PL500-15SC-R
Description  Low Phase Noise VCXO (1MHz to 18MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL500-15SC-R Datasheet(HTML) 4 Page - Micrel Semiconductor

  PL500-15SC-R Datasheet HTML 1Page - Micrel Semiconductor PL500-15SC-R Datasheet HTML 2Page - Micrel Semiconductor PL500-15SC-R Datasheet HTML 3Page - Micrel Semiconductor PL500-15SC-R Datasheet HTML 4Page - Micrel Semiconductor PL500-15SC-R Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PL500-15/16
Low Phase Noise VCXO (1MHz to 18MHz)
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 7/01/10 Page 4
4. Jitter and Phase Noise Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
RMS Period Jitter
(1 sigma – 1000 samples)
With capacitive decoupling
between VDD and GND.
2.5
ps
Phase Noise relative to carrier
13.5MHz @100Hz offset
-100
dBc/Hz
Phase Noise relative to carrier
13.5MHz @1kHz offset
-125
dBc/Hz
Phase Noise relative to carrier
13.5MHz @10kHz offset
-142
dBc/Hz
Phase Noise relative to carrier
13.5MHz @100kHz offset
-150
dBc/Hz
Phase Noise relative to carrier
13.5MHz @1MHz offset
-150
dBc/Hz
5. DC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic,
with Loaded Outputs
IDD
FXIN = 27MHz
Output load of
15pF
3.3V
3.7
5
mA
2.5V
2.4
3.5
Operating Voltage
VDD
2.25
3.63
V
Output Low Voltage at
CMOS level
VOLC
IOL = +4mA
0.4
V
Output High Voltage at
CMOS level
VOHC
IOH = -4mA
VDD – 0.4
V
Output drive current
For VOL<0.4V or VOH>2.4V
8
9.5
mA
VCXO Control Voltage
VCON
0
VDD
V
6. Crystal Specifications
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Crystal Loading Rating (VCON = 1.65V, 3.3V VDD)
CL (xtal)
(see note
below)
7.8
pF
Crystal Loading Rating (VCON = 1.25V, 2.5V VDD)
8.9
Maximum Sustainable Drive Level
200
W
Operating Drive Level
50
W
Max C0
5
pF
C0/C1
250
-
ESR
RS
30
Ω
Note: The crystal must be such that it oscillates (parallel resonant) at nominal frequency when presented a C Load as specified above.
If the crystal requires more load to be at nominal frequency, the additional load must be added externally. This however may reduce the pull range.
Note that the Cload values above are for the IC only, and do not include PCB parasitics. Crystal specifications for Cload include PC B parasitics.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com