Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL123E-05HSC-R Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # PL123E-05HSC-R
Description  Low Skew Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL123E-05HSC-R Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button PL123E-05HSC-R Datasheet HTML 2Page - Micrel Semiconductor PL123E-05HSC-R Datasheet HTML 3Page - Micrel Semiconductor PL123E-05HSC-R Datasheet HTML 4Page - Micrel Semiconductor PL123E-05HSC-R Datasheet HTML 5Page - Micrel Semiconductor PL123E-05HSC-R Datasheet HTML 6Page - Micrel Semiconductor PL123E-05HSC-R Datasheet HTML 7Page - Micrel Semiconductor PL123E-05HSC-R Datasheet HTML 8Page - Micrel Semiconductor PL123E-05HSC-R Datasheet HTML 9Page - Micrel Semiconductor PL123E-05HSC-R Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
(Preliminary)
PL123E-05
Low Skew Zero Delay Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 12/13/11 Page 6
3.3V and 2.5V AC Electrical Specifications
Description
Parameter Test Conditions
Min
Typ
Max
Unit
Maximum Frequency[7]
(Input/Output)
1/t1
3.3V High Drive
10
–
220
MHz
3.3V Standard Drive
10
–
167
MHz
2.5V High Drive
10
–
200
MHz
2.5V Standard Drive
10
–
134
MHz
Input Duty Cycle
(PLL Mode only)
TIDC
<133.3 MHz
25
–
75
%
>133.3 MHz
40
–
60
%
Output Duty Cycle[8]
t2 ÷ t1
<133.3 MHz
47
–
53
%
>133.3 MHz
45
–
55
%
Rise, Fall Time (3.3V)[8]
t3,t4
Standard Drive, CL = 30pF, <100 MHz
–
1.6
–
ns
Standard Drive, CL = 22pF, <133.3 MHz
–
1.6
–
ns
Standard Drive, CL = 15pF, <167 MHz
–
0.6
–
ns
High Drive, CL = 30pF, <100 MHz
–
1.2
–
ns
High Drive, CL = 22pF, <133.3 MHz
–
1.2
–
ns
High Drive, CL = 15pF, >133.3 MHz
–
0.5
–
ns
Rise, Fall Time (2.5V)[8]
t3, t4
Standard Drive, CL = 15pF, <133.33 MHz
–
1.5
–
ns
High Drive, CL = 30pF, <100 MHz
–
2.1
–
ns
High Drive, CL = 22pF, <133.3 MHz
–
1.3
–
ns
High Drive, CL = 15pF, >133.3 MHz
–
1.2
–
ns
Output to Output Skew [8]
t5
All outputs equally loaded
–
–
100
ps
Delay, REF Rising Edge
to CLKOUT Rising Edge[8]
t6
PLL enabled @ 3.3V
–100
–
100
ps
PLL enabled @2.5V
–200
–
200
ps
Part to Part Skew[8]
t7
Measured at VDD/2.
Any output to any output, 3.3V supply
–
–
±150
ps
Measured at VDD/2.
Any output to any output, 2.5V supply
–
–
±300
ps
PLL Lock Time[8]
tLOCK
Stable power supply, valid clocks pre-
sented on REF and CLKOUT pins
–
–
1.0
ms
Cycle-to-Cycle Jitter,
Peak[8,9]
TJCC
3.3V, >66 MHz, <15pF
–
–
55
ps
3.3V, >66 MHz, <30pF, Standard. Drive
–
–
125
ps
3.3V, >66 MHz, <30pF, High Drive
–
–
100
ps
2.5V, >66 MHz, <15pF, Standard. Drive
–
–
100
ps
2.5V, >66 MHz, <15pF, High Drive
–
–
80
ps
2.5V, >66 MHz, <30pF, High Drive
–
–
125
ps



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com