Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL123E-05HSC-R Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # PL123E-05HSC-R
Description  Low Skew Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL123E-05HSC-R Datasheet(HTML) 1 Page - Micrel Semiconductor

  PL123E-05HSC-R Datasheet HTML 1Page - Micrel Semiconductor PL123E-05HSC-R Datasheet HTML 2Page - Micrel Semiconductor PL123E-05HSC-R Datasheet HTML 3Page - Micrel Semiconductor PL123E-05HSC-R Datasheet HTML 4Page - Micrel Semiconductor PL123E-05HSC-R Datasheet HTML 5Page - Micrel Semiconductor PL123E-05HSC-R Datasheet HTML 6Page - Micrel Semiconductor PL123E-05HSC-R Datasheet HTML 7Page - Micrel Semiconductor PL123E-05HSC-R Datasheet HTML 8Page - Micrel Semiconductor PL123E-05HSC-R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
(Preliminary)
PL123E-05
Low Skew Zero Delay Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 12/13/11 Page 1
FEATURES
 Frequency Range 10MHz to 220MHz
 Zero input - output delay.
 Low output-to-output skew.
 Optional Drive Strength:
Standard (8mA) PL123E-05
High (12mA)
PL123E-05H
 2.5V or 3.3V, ±10% operation.
 Available in 8-pin SOP packaging.
DESCRIPTION
The PL123E-05 (-05H for High Drive) is a high perfor-
mance, low skew, low jitter zero delay buffer d esigned
to distribute high speed clocks. It has five low-skew
outputs that are synchronized with the input. The syn-
chronization is established via CLKOUT feed back to
the input of the PLL. Since the skew between the input
and output is less than
100ps, the device acts as a
zero delay buffer. The input output propagation delay
can be advanced or delayed by adjusting the load on
the CLKOUT pin.
These parts are not intended for 5V input-tolerant ap-
plications.
PIN CONFIGURATION
SOP-8L
BLOCK DIAGRAM
1
2
3
4
REF
5
6
7
8
CLK2
CLK1
GND
CLKOUT
CLK4
VDD
CLK3
PLL
REF
CLKOUT
CLK1
CLK2
CLK3
CLK4


Similar Part No. - PL123E-05HSC-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL123E-09 MICREL-PL123E-09 Datasheet
384Kb / 10P
Low Skew Zero Delay Buffer
PL123E-09HOC MICREL-PL123E-09HOC Datasheet
384Kb / 10P
Low Skew Zero Delay Buffer
PL123E-09HOC-R MICREL-PL123E-09HOC-R Datasheet
384Kb / 10P
Low Skew Zero Delay Buffer
PL123E-09HOI MICREL-PL123E-09HOI Datasheet
384Kb / 10P
Low Skew Zero Delay Buffer
PL123E-09HOI-R MICREL-PL123E-09HOI-R Datasheet
384Kb / 10P
Low Skew Zero Delay Buffer
More results

Similar Description - PL123E-05HSC-R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
ICS671-15 ICST-ICS671-15 Datasheet
137Kb / 6P
ZERO DELAY, LOW SKEW BUFFER
MK2304-2 ICST-MK2304-2 Datasheet
134Kb / 5P
ZERO DELAY, LOW SKEW BUFFER
Revision 050306
MK2308-2 ICST-MK2308-2 Datasheet
121Kb / 5P
ZERO DELAY LOW SKEW BUFFER
Revision 111103
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
ZERO DELAY, LOW SKEW BUFFER
072710
MK2304-2 RENESAS-MK2304-2 Datasheet
330Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
MK2308-2 RENESAS-MK2308-2 Datasheet
333Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com