Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL60-2R7308T-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # XL60-2R7308T-R
Description  2.7V Supercapacitor cells
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

XL60-2R7308T-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  XL60-2R7308T-R Datasheet HTML 1Page - Cooper Bussmann, Inc. XL60-2R7308T-R Datasheet HTML 2Page - Cooper Bussmann, Inc. XL60-2R7308T-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data
10339
Effective October 2014
XL60 Series
2.7V Supercapacitor cells
www.eaton.com/elx
Specifications
Capacitance
3000F
Maximum working voltage
2.7V
Surge voltage
2.85V
Capacitance tolerance
-0% to +20%
Operating temperature range
-40°C to 65°C @ 2.7V
Extended operating temperature range
-40°C to 85°C (with voltage derating to 2.3V @ 85°C)
Standard Product
Capacitance (F)
Part Number
Max. initial
DC ESR (mΩ)
(Equivalent Series
Resistance)
Continuous
current 15°C
rise (A)1
Peak
power
(kW)2
Max
leakage
current
(mA)3
Max cur-
rent (A)4
Stored
energy
(Wh)5
Typical
thermal
resistance
(Rth - °C/W)
Typical
mass (g)
3000
XL60-2R7308W-R
0.23
140
7.9
5.0
2400
3.0
3.2
525
3000
XL60-2R7308T-R
0.23
140
7.9
5.0
2400
3.0
3.2
535
1. Continuous Current = ∆T/(DC ESR x Rth)
2. Peak Power = V2/ DC ESR / 4
3. After 72 hour charge and hold, 25°C
4. Max Current, 1 sec discharge = 1⁄2 C V / (1+DC ESRxC)
5. Stored Energy = 1⁄2 C V2 / 3600
Performance
Parameter
Capacitance Change
(% of initial value)
ESR
(% of max. initial value)
Life — 1500 hours @ rated voltage and maximum operating temperature
≤ 20%
≤ 100%
Life — 10 years @ rated voltage and 25°C
≤ 20%
≤ 100%
Shelf life, uncharged, up to 35°C — 3 years
≤ 5%
≤ 10%
Charge/discharge cycling1 — 1,000,000
≤ 20%
≤ 100%
1. Cycling between 2.7V and 1.35V, 100A, 3s rest
Standards and Certifications
Agency information
UL Recognized, Guide BBBG2, File MH46887
Shock and vibration
IEC 61373 Category 1, Class B, IEC 60068-2-6
Safety
UL 810A
Environmental
RoHS compliant, lead free, halogen free
Altitude, Operating
10,000 ft
Altitude, Non-operating
40,000 ft



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com