Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL60-2R7308T-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # XL60-2R7308T-R
Description  2.7V Supercapacitor cells
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

XL60-2R7308T-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  XL60-2R7308T-R Datasheet HTML 1Page - Cooper Bussmann, Inc. XL60-2R7308T-R Datasheet HTML 2Page - Cooper Bussmann, Inc. XL60-2R7308T-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/elx
© 2015 Eaton
All Rights Reserved
Printed in USA
Publication No. 10339 BUSB14694
October 2014
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Technical Data
10339
Effective October 2014
XL60 Series
2.7V Supercapacitor cells
Dimensions (mm)
Part Number
D0 (±0.3)
D1 (±0.7)
D2 (±0.1)
D3 (±0.1)
H (±0.125)
L (±0.5)
XL60-2R7308W-R
60.3
60.7
25.0
Ø14.0
3.18
138.0
XL60-2R7308T-R
60.3
60.7
25.0
M12, P1.75
14.0
138.0
Packaging Information
Standard packaging: 20 pieces per box
Negative (-)
ØD2
ØD3
H
D1
L
D0
H
Negative (-)
ØD2
ØD3
H
D0
L
D1
H
T Terminal
Positive (+)
ØD3
Positive (+)
W Terminal
ØD3
XL60-2R7308W-R
XL60-2R7308T-R
Part Marking
Manufacturer
Capacitance (F)
Nominal Working Voltage (V)
Series code (or part number)
Polarity



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com