Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IQXP-10 Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # IQXP-10
Description  Fast Make Oscillator Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQXP-10 Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  IQXP-10 Datasheet HTML 1Page - IQD Frequency Products Ltd IQXP-10 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IQXP-10
Fast Make Oscillator Specification
Packaging Details
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 1,000
In tape, cut from a reel
Pack Style: Cutt
Pack Size: 1
Loose in bulk pack
Pack Style: Bulk
Pack Size: 1
Test Circuit
Wave Form
Electrical Specification - maximum limiting values 3.3V ±0.3V
Frequency
Min
Frequency
Max
Temperature
Range
Stability
(Min)
Current
Draw
Rise and Fall
Time
Duty Cycle
°C
ppm
mA
ns
%
100
1.5
-40 to 85
1.0MHz
200.0MHz
±25.0
45/55%
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 28 Apr 16 12:46 using Model Data Sheet V1.2550
Page 2 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com