Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IQXP-10 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # IQXP-10
Description  Fast Make Oscillator Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQXP-10 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  IQXP-10 Datasheet HTML 1Page - IQD Frequency Products Ltd IQXP-10 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IQXP-10
Fast Make Oscillator Specification
ISSUE 1; October 2015
Outline (mm)
Description
PLL based, one time only factory programmable for a fast lead
time
A SMD crystal oscillator in a hermetically sealed ceramic
package with a metal lid
See IQXO-690 for our standard crystal oscillator alternative
Frequency Parameters
Frequency
1.0MHz to 200.0MHz
Frequency Stability
±25.00ppm
Ageing: ±5ppm max in 1st year @ 25°C
Electrical Parameters
3.3V ±0.3V
Supply Voltage
Operating Temperature Ranges
-40 to 85°C
Output Details
Output Compatability
LVPECL
Drive Capability
50Ω terminated to Vs-2.0V
Output Voltage VoH: Vs - 1.025V
Output Voltage VoL: Vs - 1.620V
Output Control
Tri-state Operation (CMOS):
Logic ‘1’ to pin 1 enables oscillator output
Logic ‘0’ to pin 1 disables oscillator output; when disabled the
oscillator output goes to the high impedance state
No connection to pin 1 enables oscillator output
Noise Parameters
Period Jitter: 10ps rms max
Environmental Parameters
Storage Temperature Range: –55 to 125°C
Ordering Information
Frequency*
Model*
Output Compatibility
Frequency Stability (over operating temperature range)*
Operating Temperature Range*
Supply Voltage
(*minimum required)
Example
100.0MHz IQXP-10
LVPECL ±25ppm –40 to 85C 3.3V
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Printed on 28 Apr 16 12:46 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQXP-10

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXC-104-AUTO IQD-IQXC-104-AUTO Datasheet
422Kb / 2P
Crystal Specification
IQXC-136 IQD-IQXC-136 Datasheet
194Kb / 3P
Quartz Crystal Specification
IQXC-137 IQD-IQXC-137 Datasheet
127Kb / 2P
Quartz Crystal Specification
IQXC-138 IQD-IQXC-138 Datasheet
127Kb / 2P
Quartz Crystal Specification
IQXC-140 IQD-IQXC-140 Datasheet
135Kb / 2P
Quartz Crystal Specification
More results

Similar Description - IQXP-10

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPP-9 IQD-CFPP-9 Datasheet
365Kb / 2P
Fast Make Oscillator Specification
CFPP-23 IQD-CFPP-23 Datasheet
954Kb / 2P
Fast Make Oscillator Specification
CFPP-39 IQD-CFPP-39 Datasheet
304Kb / 2P
Fast Make Oscillator Specification
CFPP-40 IQD-CFPP-40 Datasheet
305Kb / 2P
Fast Make Oscillator Specification
CFPP-41 IQD-CFPP-41 Datasheet
307Kb / 2P
Fast Make Oscillator Specification
CFPP-54 IQD-CFPP-54 Datasheet
277Kb / 2P
Fast Make Oscillator Specification
CFPP-73 IQD-CFPP-73 Datasheet
702Kb / 2P
Fast Make Oscillator Specification
CFPP-131 IQD-CFPP-131 Datasheet
1Mb / 2P
Fast Make Oscillator Specification
CFPP-303 IQD-CFPP-303 Datasheet
960Kb / 2P
Fast Make Oscillator Specification
CFPP-307 IQD-CFPP-307 Datasheet
1Mb / 2P
Fast Make Oscillator Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com