Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLVA02V05C047-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # MLVA02V05C047-R
Description  Multilayer varistor ESD suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MLVA02V05C047-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  MLVA02V05C047-R Datasheet HTML 1Page - Cooper Bussmann, Inc. MLVA02V05C047-R Datasheet HTML 2Page - Cooper Bussmann, Inc. MLVA02V05C047-R Datasheet HTML 3Page - Cooper Bussmann, Inc. MLVA02V05C047-R Datasheet HTML 4Page - Cooper Bussmann, Inc. MLVA02V05C047-R Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data 10493
Effective February 2016
Product description
•
Three compact footprint options 0201
(0603 metric), 0402 (1005 metric), and
0603 (1608 metric)
•
Zinc oxide ceramic chip
•
Provides Electro Static Discharge (ESD)
protection with fast response time (<1 ns)
allowing equipment to pass IEC 61000-4-2
Level 4 test
•
0402 and 0603 meet IEC 61000-4-4 and
61000-4-5
•
Compact footprint utilizes less board space
•
Low and stable leakage current reduces
power consumption
•
Low clamping voltage
•
Wide operating voltage range: 5.5 Vdc to
26 Vdc
•
Halogen free, lead free, RoHS compliant
Applications
•
ESD port protection for mobile/smart phones
•
Game console ESD port protection
•
Set-top-boxes
•
Tablets, notebooks, netbooks, laptops
•
Media players
•
Digital cameras
•
Medical equipment
•
Computers and peripherals ESD port protection
•
Consumer electronics
MLVA-R
Multilayer varistor ESD suppressor
Pb
HALOGEN
HF
FREE


Similar Part No. - MLVA02V05C047-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MLVA02V05C047-R EATON-MLVA02V05C047-R Datasheet
387Kb / 5P
Multilayer varistor ESD suppressor
More results

Similar Description - MLVA02V05C047-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MLVB04V18C0R5 COOPER-MLVB04V18C0R5 Datasheet
350Kb / 2P
Multilayer Varistor ESD Suppressor
MLVA02V05C033 COOPER-MLVA02V05C033 Datasheet
327Kb / 2P
Multilayer Varistor ESD Suppressor
logo
Micro Commercial Compon...
MLESD24B-0603 MCC-MLESD24B-0603 Datasheet
315Kb / 4P
Multilayer Polymer ESD Suppressor
logo
Panasonic Semiconductor
EZJZ PANASONIC-EZJZ Datasheet
275Kb / 5P
Multilayer Varistor for ESD pulse
logo
GOOD-ARK Electronics
ESLP2510V05 GOOD-ARK-ESLP2510V05_15 Datasheet
172Kb / 3P
Multilayer Polymer ESD Suppressor
ESLP2510V05 GOOD-ARK-ESLP2510V05 Datasheet
172Kb / 3P
Multilayer Polymer ESD Suppressor
logo
Panasonic Semiconductor
EZJZZV270AA PANASONIC-EZJZZV270AA Datasheet
172Kb / 8P
Multilayer Varistor for ESD pulse
logo
Eaton All Rights Reserv...
MLVA-R EATON-MLVA-R Datasheet
387Kb / 5P
Multilayer varistor ESD suppressor
MLVB EATON-MLVB Datasheet
339Kb / 2P
Multilayer varistor ESD suppressor
logo
Shanghai Leiditech Elec...
L0603-3220A LEIDITECH-L0603-3220A Datasheet
430Kb / 4P
ESD-SMD Multilayer chip Varistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com