Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLVA02V05C047-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # MLVA02V05C047-R
Description  Multilayer varistor ESD suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MLVA02V05C047-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  MLVA02V05C047-R Datasheet HTML 1Page - Cooper Bussmann, Inc. MLVA02V05C047-R Datasheet HTML 2Page - Cooper Bussmann, Inc. MLVA02V05C047-R Datasheet HTML 3Page - Cooper Bussmann, Inc. MLVA02V05C047-R Datasheet HTML 4Page - Cooper Bussmann, Inc. MLVA02V05C047-R Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Technical Data
10493
Effective February 2016
MLVA-R
Multilayer varistor ESD suppressor
www.eaton.com/elx
Environmental data
Operating temperature: - 40 °C to +85 °C
Storage temperature (component): +5 °C to +40 °C
Full load volatge: +85 °C at working voltage for 1000 hours
Varistor voltage typical < 10% change
Thermal shock: 5 cycles, - 40 °C to +85 °C, 30 minute dwell time
Varistor voltage typical < 10% change
Humidity bias: +40 °C, 90% relative humidity, at working voltage for 1000 hours
Varistor voltage typical < 10% change
Resistance to solder heat: 260 °C ± 5 °C for 10 seconds ± 1 second
Packaging information—mm
(Drawing not to scale)
Supplied in tape and reel packaging
15 000 parts per 7.0” diameter reel: MLVA02V05C033-R, MLVA02V05C047-R, MLVA02V05C064-R
10 000 parts per 7.0” diameter reel: MLVA04V05C270-R, MLVA04V09C130-R, MLVA04V18C085-R
Supplied in tape and reel packaging
4 000 parts per 7.0” diameter reel
MLVA06V05C270-R, MLVA06V09C210-R, MLVA06V18C150-R, MLVA06V26C100-R
Part number
A
B
C
MLVA02V05C033-R
0.37
0.69
0.42
MLVA02V05C047-R
0.37
0.69
0.42
MLVA02V05C064-R
0.37
0.69
0.42
MLVA04V05C270-R
0.58
1.20
0.60
MLVA04V09C130-R
0.58
1.20
0.60
MLVA04V18C085-R
0.58
1.20
0.60



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com