Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9121 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9121
Description  TxDAC Digital-to-Analog Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9121 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9121 Datasheet HTML 9Page - Analog Devices AD9121 Datasheet HTML 10Page - Analog Devices AD9121 Datasheet HTML 11Page - Analog Devices AD9121 Datasheet HTML 12Page - Analog Devices AD9121 Datasheet HTML 13Page - Analog Devices AD9121 Datasheet HTML 14Page - Analog Devices AD9121 Datasheet HTML 15Page - Analog Devices AD9121 Datasheet HTML 16Page - Analog Devices AD9121 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
AD9121
Data Sheet
Rev. B | Page 12 of 60
–69
–70
–71
–72
–73
–74
–75
–77
–78
–79
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
–76
fDATA = 250MSPS
fDATA = 400MSPS
Figure 10. Highest Digital Spur vs. f
OUT over fDATA, 2× Interpolation,
Digital Scale = 0 dBFS, I
FS = 20 mA
–60
–65
–70
–75
–80
–85
0
50
100
150
200
250
300
350
400
450
fOUT (MHz)
fDATA = 100MSPS
fDATA = 200MSPS
Figure 11. Highest Digital Spur vs. f
OUT over fDATA, 4× Interpolation,
Digital Scale = 0 dBFS, I
FS = 20 mA
–60
–95
–90
–85
–80
–75
–70
–65
0
100
200
300
400
500
600
700
fOUT (MHz)
fDATA = 100MSPS
fDATA = 150MSPS
Figure 12. Highest Digital Spur vs. f
OUT over fDATA, 8× Interpolation,
Digital Scale = 0 dBFS, I
FS = 20 mA
START 1.0MHz
#RES BW 10kHz
VBW 10kHz
STOP 500.0MHz
SWEEP 6.017s (601 PTS)
2× INTERPOLATION,
SINGLE-TONE SPECTRUM,
fDATA = 250MSPS,
fOUT = 101MHz
Figure 13. Single-Tone Spectrum, 2× Interpolation,
f
DATA = 250 MSPS, fOUT = 101 MHz
START 1.0MHz
#RES BW 10kHz
VBW 10kHz
STOP 800.0MHz
SWEEP 9.634s (601 PTS)
4× INTERPOLATION,
SINGLE-TONE SPECTRUM,
fDATA = 200MSPS,
fOUT = 151MHz
Figure 14. Single-Tone Spectrum, 4× Interpolation,
f
DATA = 200 MSPS, fOUT = 151 MHz
START 1.0MHz
#RES BW 10kHz
VBW 10kHz
STOP 800.0MHz
SWEEP 9.634s (601 PTS)
8× INTERPOLATION,
SINGLE-TONE SPECTRUM,
fDATA = 100MSPS,
fOUT = 131MHz
Figure 15. Single-Tone Spectrum, 8× Interpolation,
f
DATA = 100 MSPS, fOUT = 131 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com