Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9121 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9121
Description  TxDAC Digital-to-Analog Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9121 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9121 Datasheet HTML 17Page - Analog Devices AD9121 Datasheet HTML 18Page - Analog Devices AD9121 Datasheet HTML 19Page - Analog Devices AD9121 Datasheet HTML 20Page - Analog Devices AD9121 Datasheet HTML 21Page - Analog Devices AD9121 Datasheet HTML 22Page - Analog Devices AD9121 Datasheet HTML 23Page - Analog Devices AD9121 Datasheet HTML 24Page - Analog Devices AD9121 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
AD9121
Data Sheet
Rev. B | Page 20 of 60
DEVICE CONFIGURATION REGISTER MAP AND DESCRIPTIONS
Table 10. Device Configuration Register Map
Addr
(Hex)
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0x00
Comm
SDIO
LSB_FIRST
Reset
0x00
0x01
Power control
Power
down
I DAC
Power
down
Q DAC
Power
downdata
receiver
Power
down
aux ADC
0x10
0x03
Data format
Binary
data
format
Q data
first
MSB swap
Data Bus Width[1:0]
0x00
0x04
Interrupt enable
Enable
PLL lock
lost
Enable
PLL
locked
Enable
sync
signal lost
Enable
sync
signal
locked
Enable
FIFO
Warning 1
Enable
FIFO
Warning 2
0x00
0x05
Interrupt enable
0
0
0
Enable
AED
compare
pass
Enable
AED
compare
fail
Enable
SED
compare
fail
0
0
0x00
0x06
Event flag
PLL lock
lost
PLL
locked
Sync
signal
lost
Sync
signal
locked
FIFO
Warning 1
FIFO
Warning 2
N/A
0x07
Event flag
AED
compare
pass
AED
compare
fail
SED
compare
fail
N/A
0x08
Clock receiver
control
DACCLK
duty
correction
REFCLK
duty
correction
DACCLK
cross-
correction
REFCLK
cross-
correction
1
1
1
1
0x3F
0x0A
PLL control
PLL
enable
PLL
manual
enable
Manual VCO Band[5:0]
0x40
0x0C
PLL control
PLL Loop
Bandwidth[1:0]
PLL Charge Pump Current[4:0]
0xD1
0x0D
PLL control
N2[1:0]
PLL cross-
control
enable
N0[1:0]
N1[1:0]
0xD9
0x0E
PLL status
PLL locked
VCO Control Voltage[3:0]
N/A
0x0F
PLL status
VCO Band Readback[5:0]
N/A
0x10
Sync control
Sync
enable
Data/FIFO
rate toggle
Rising
edge sync
Sync Averaging[2:0]
0x48
0x11
Sync control
Sync Phase Request[5:0]
0x00
0x12
Sync status
Sync lost
Sync
locked
N/A
0x13
Sync status
Sync Phase Readback[7:0] (6.2 format)
N/A
0x15
Data receiver
status
LVDS
FRAME
level high
LVDS
FRAME
level low
LVDS DCI
level high
LVDS DCI
level low
LVDS data
level high
LVDS data
level low
N/A
0x16
DCI delay
DCI Delay[1:0]
0x00
0x17
FIFO control
FIFO Phase Offset[2:0]
0x04
0x18
FIFO status
FIFO
Warning1
FIFO
Warning 2
FIFO soft
align ack
FIFO soft
align
request
N/A
0x19
FIFO status
FIFO Level[7:0]
N/A
0x1B
Datapath
control
Bypass
premod
Bypass
sinc−1
Bypass
NCO
NCO gain
Bypass
phase
comp and
dc offset
Select
sideband
Send
I data to
Q data
0xE4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com