Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5071ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5071ACPZ-R7
Description  Independent Positive and Negative Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5071ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5071ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP5071ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP5071ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP5071ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5071ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5071ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5071ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5071ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5071ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Data Sheet
ADP5071
Rev. A | Page 11 of 27
0.5
–0.5
–0.3
–0.1
0.1
0.3
0
0.15
0.10
0.05
0.20
INVERTING REGULATOR LOAD (A)
Figure 22. Cross Regulation, Boost Regulator VFB1 Regulation over Inverting
Regulator Current Load, VIN = 5 V, VPOS = 15 V, VNEG = −15 V,
fSW = 2.4 MHz, TA = 25°C, Boost Regulator Run in Continuous Conduction
Mode with Fixed Load for Test
0
10
20
5
15
VIN (V)
TA = –40°C
TA = +25°C
TA = +125°C
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
Figure 23. Boost Regulator Current Limit (ILIMIT) vs. Input Voltage (VIN)
over Temperature
0
4
8
12
16
2
6
10
14
VIN (V)
TA = –40°C
TA = +25°C
TA = +125°C
2.24
2.29
2.34
2.39
2.44
2.49
2.54
Figure 24. Oscillator Frequency vs. Input Voltage (VIN) over Temperature,
SYNC/FREQ Pin = High
0.5
–0.5
–0.3
–0.1
0.1
0.3
–0.05
0.25
0.15
0.05
0.35
0.45
BOOST REGULATOR LOAD (A)
Figure 25. Cross Regulation, Inverting Regulator VFB2 Regulation over Boost
Regulator Current Load, VIN = 5 V, VPOS = 15 V, VNEG = −15 V,
fSW = 2.4 MHz, TA = 25°C, Inverting Regulator Run in Continuous Conduction
Mode with Fixed Load for Test
0
4
8
12
16
2
6
10
14
VIN (V)
TA = –40°C
TA = +25°C
TA = +125°C
1.20
1.22
1.28
1.32
1.36
1.40
1.44
Figure 26. Inverting Regulator Current Limit (ILIMIT) vs. Input Voltage (VIN)
over Temperature
0
4
8
12
16
2
6
10
14
VIN (V)
TA = –40°C
TA = +25°C
TA = +125°C
1.13
1.27
1.25
1.23
1.21
1.19
1.17
1.15
Figure 27. Oscillator Frequency vs. Input Voltage (VIN) over Temperature,
SYNC/FREQ Pin = Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com