Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5071ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5071ACPZ-R7
Description  Independent Positive and Negative Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5071ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5071ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP5071ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP5071ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP5071ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP5071ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP5071ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP5071ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5071ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5071ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ADP5071
Data Sheet
Rev. A | Page 14 of 27
THEORY OF OPERATION
ERROR
AMP
+
INBK SWITCH
CONTROL
BOOST PWM
CONTROL
INBK
SW1
VOUT1
FB1
COMP1
VIN
CIN
CURRENT
SENSE
PVIN1
SYNC/FREQ
HV
BAND GAP
PGND
SW2
FB2
INVERTER
PWM CONTROL
PVIN2
+
ERROR
AMP
HV
REGULATOR
EN1
EN2
PVINSYS
VREG
CVREG
COMP2
SEQ
SLEW
SS
AGND
CURRENT SENSE
START-UP
TIMERS
PLL
4µA
REF1
REF2
REF1
REF2
SEQUENCE
CONTROL
OSCILLATOR
SLEW
SLEW
BOOST_ENABLE
INVERTER_ENABLE
EN1
EN2
L1
D1
COUT1
RFT1
RFB1
RFT2
RFB2
L2
D2
COUT2
RC1
CC1
RC2
CC2
RSS (OPTIONAL)
THERMAL
SHUTDOWN
UVLO
VREF
OVP
VREG
FB1
FB2
REFERENCE
GENERATOR
REF_1V6
REF_1V6
CVREF
Figure 40. Functional Block Diagram
PWM MODE
The boost and inverting regulators in the ADP5071 operate at a
fixed frequency set by an internal oscillator. At the start of each
oscillator cycle, the MOSFET switch turns on, applying a positive
voltage across the inductor. The inductor current increases until
the current sense signal crosses the peak inductor current threshold
that turns off the MOSFET switch; this threshold is set by the error
amplifier output. During the MOSFET off time, the inductor
current declines through the external diode until the next
oscillator clock pulse starts a new cycle. It regulates the output
voltage by adjusting the peak inductor current threshold.
PSM MODE
During light load operation, the regulators can skip pulses to
maintain output voltage regulation. Skipping pulses increases
the device efficiency.
UNDERVOLTAGE LOCKOUT (UVLO)
The undervoltage lockout circuitry monitors the PVINSYS pin
voltage level. If the input voltage drops below the VUVLO_FALLING
threshold, both regulators turn off. After the PVINSYS pin voltage
rises above the VUVLO_RISING threshold, the soft start period initiates,
and the regulators are enabled.
OSCILLATOR AND SYNCHRONIZATION
The ADP5071 initiates the drive of the boost regulator SW1 pin
and the inverting regulator SW2 pin 180° out of phase to reduce
peak current consumption and noise.
A phase-locked loop (PLL)-based oscillator generates the internal
clock and offers a choice of two internally generated frequency
options or external clock synchronization. The switching frequency
is configured using the SYNC/FREQ pin options shown in Table 6.
For external synchronization, connect the SYNC/FREQ pin to a
suitable clock source. The PLL locks to an input clock within
the range specified by fSYNC.
Table 6. SYNC/FREQ Pin Options
SYNC/FREQ Pin
Switching Frequency
High
2.4 MHz
Low
1.2 MHz
External Clock
1 × clock frequency
INTERNAL REGULATORS
The internal VREG regulator in the ADP5071 provides a stable
power supply for the internal circuitry. The VREG supply can be
used to provide a logic high signal for device configuration pins but
must not be used to supply external circuitry.
The VREF regulator provides a reference voltage for the inverting
regulator feedback network to ensure a positive feedback voltage on
the FB2 pin.
A current-limit circuit is included for both regulators to protect the
circuit from accidental loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com