Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1763ACPZ-1.2-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1763ACPZ-1.2-R7
Description  CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763ACPZ-1.2-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1763ACPZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP1763ACPZ-1.2-R7 Datasheet HTML 9Page - Analog Devices ADP1763ACPZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP1763ACPZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP1763ACPZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP1763ACPZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP1763ACPZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP1763ACPZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP1763ACPZ-1.2-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Data Sheet
ADP1763
Rev. 0 | Page 11 of 18
THEORY OF OPERATION
The ADP1763 is an LDO, low noise linear regulator that uses an
advanced proprietary architecture to achieve high efficiency
regulation. It also provides high PSRR and excellent line and load
transient response using a small 10 F ceramic output capacitor.
The device operates from a 1.10 V to 1.98 V input rail to
provide up to 3 A of output current. Supply current in
shutdown mode is typically 2 μA.
SS BLOCK
REFCAP
SS
PG
SHORT-CIRCUIT,
THERMAL PROJECT
INTERNAL
BIAS SUPPLY
ADP1763
VIN
VREG
EN
GND
REFERENCE,
BIAS
VOUT
SENSE
Figure 23. Functional Block Diagram, Fixed Output
SS BLOCK
SHORT-CIRCUIT,
THERMAL PROJECT
INTERNAL
BIAS SUPPLY
REFCAP
SS
PG
VIN
VREG
VADJ
IADJ
EN
GND
VOUT
SENSE
ADP1763
Figure 24. Functional Block Diagram, Adjustable Output
Internally, the ADP1763 consists of a reference, an error amplifier,
and a pass device. The output current is delivered via the pass
device, which is controlled by the error amplifier, forming a
negative feedback system that ideally drives the feedback voltage
to equal the reference voltage. If the feedback voltage is lower
than the reference voltage, the negative feedback drives more
current, increasing the output voltage. If the feedback voltage is
higher than the reference voltage, the negative feedback drives
less current, decreasing the output voltage.
The ADP1763 is available in output voltages ranging from 0.9 V to
1.5 V for a fixed output. Contact a local Analog Devices, Inc.,
sales representative for other fixed voltage options. The adjustable
output option can be set from 0.5 V to 1.5 V. The ADP1763 uses
the EN pin to enable and disable the VOUT pin under normal
operating conditions. When EN is high, VOUT turns on. When
EN is low, VOUT turns off. For automatic startup, tie EN to VIN.
SOFT START FUNCTION
For applications that require a controlled startup, the ADP1763
provides a programmable soft start function. The programmable
soft start is useful for reducing inrush current upon startup and
for providing voltage sequencing. To implement soft start, connect
a small ceramic capacitor from SS to GND. At startup, a 10 μA
current source charges this capacitor. The voltage at SS limits
the ADP1763 start-up output voltage, providing a smooth ramp-up
to the nominal output voltage. To calculate the start-up time for
the fixed output and adjustable output, use the following equations:
tSTART-UP_FIXED = tDELAY + VREF × (CSS/ISS)
(1)
tSTART-UP_ADJ = tDELAY + VADJ × (CSS/ISS)
(2)
where:
tDELAY is a fixed delay of 100 μs.
VREF is a 0.5 V internal reference for the fixed output model option.
CSS is the soft start capacitance from SS to GND.
ISS is the current sourced from SS (10 μA).
VADJ is the voltage at the VADJ pin equal to RADJ × IADJ.
TIME (ms)
–0.1
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
–0.2
0.3
0.8
1.3
1.8
EN
CSS = 0nF
CSS = 10nF
CSS = 22nF
Figure 25. Fixed VOUT Ramp-Up with External Soft Start Capacitor (VOUT,EN) vs. Time
–0.5
0
0.5
1.0
1.5
2.0
–0.2
0.3
0.8
1.3
1.8
TIME (ms)
EN
VOUT = 0.5V; CSS = 10nF
VOUT = 0.5V; CSS = 22nF
VOUT = 1.5V; CSS = 10nF
VOUT = 1.5V; CSS = 22nF
Figure 26. Adjustable VOUT Ramp-Up with External Soft Start Capacitor
(VOUT, EN) vs. Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com