Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1763ACPZ-1.2-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1763ACPZ-1.2-R7
Description  CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763ACPZ-1.2-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1763ACPZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP1763ACPZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP1763ACPZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP1763ACPZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP1763ACPZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP1763ACPZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP1763ACPZ-1.2-R7 Datasheet HTML 16Page - Analog Devices ADP1763ACPZ-1.2-R7 Datasheet HTML 17Page - Analog Devices ADP1763ACPZ-1.2-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Data Sheet
ADP1763
Rev. 0 | Page 13 of 18
APPLICATIONS INFORMATION
CAPACITOR SELECTION
Output Capacitor
The ADP1763 is designed for operation with small, space-saving
ceramic capacitors, but it can function with most commonly used
capacitors as long as care is taken with the effective series
resistance (ESR) value. The ESR of the output capacitor affects
the stability of the LDO control loop. A minimum of 10 μF
capacitance with an ESR of 500 mΩ or less is recommended to
ensure the stability of the ADP1763. Transient response to changes
in load current is also affected by output capacitance. Using a
larger value of output capacitance improves the transient response
of the ADP1763 to large changes in load current. Figure 31 and
Figure 32 show the transient responses for output capacitance
values of 10 μF and 47 μF, respectively.
CH1 50.0mV
CH2 2.00A M1.00µs
A CH2
640mA
1
2
T 18.70%
VOUT
ILOAD
B
W
Figure 31. Output Transient Response, COUT = 10 μF
CH1 50.0mV
CH2 2.00A M1.00µs
A CH2
640mA
1
2
T 19.00%
VOUT
ILOAD
Figure 32. Output Transient Response, COUT = 47 μF
Input Bypass Capacitor
Connecting a 10 μF capacitor from the VIN pin to the GND pin
to ground reduces the circuit sensitivity to the PCB layout,
especially when long input traces or a high source impedance
is encountered. If output capacitance greater than 10 μF is
required, it is recommended that the input capacitor be increased
to match it.
Input and Output Capacitor Properties
Use any good quality ceramic capacitors with the ADP1763, as
long as they meet the minimum capacitance and maximum ESR
requirements. Ceramic capacitors are manufactured with a variety
of dielectrics, each with different behavior over temperature and
applied voltage. Capacitors must have a dielectric adequate to
ensure the minimum capacitance over the necessary temperature
range and dc bias conditions. X5R or X7R dielectrics with a
voltage rating of 6.3 V or 10 V are recommended. Y5V and Z5U
dielectrics are not recommended, due to their poor temperature
and dc bias characteristics.
Figure 33 shows the capacitance vs. bias voltage characteristics
of an 0805 case, 10 μF, 10 V, X5R capacitor. The voltage stability
of a capacitor is strongly influenced by the capacitor size and
voltage rating. In general, a capacitor in a larger package or with
a higher voltage rating exhibits better stability. The temperature
variation of the X5R dielectric is about ±15% over the −40°C to
+85°C temperature range and is not a function of package size
or voltage rating.
0
2
4
6
8
10
12
01
234
56
DC BIAS VOLTAGE (V)
Figure 33. Capacitance vs. DC Bias Voltage
Use Equation 4 to determine the worst case capacitance,
accounting for capacitor variation over temperature, component
tolerance, and voltage.
CEFF = COUT × (1 − tempco) × (1 − TOL)
(4)
where:
CEFF is the effective capacitance at the operating voltage.
COUT is the output capacitor.
Tempco is the worst case capacitor temperature coefficient.
TOL is the worst case component tolerance.
In this example, the worst case temperature coefficient
(tempco) over −40°C to +85°C is assumed to be 15% for an X5R
dielectric. The tolerance of the capacitor (TOL) is assumed to
be 10%, and COUT = 10 μF at 1.0 V, as shown in Figure 33.
Substituting these values in Equation 4 yields
CEFF = 10 μF × (1 − 0.15) × (1 − 0.1) = 7.65 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com